Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C24B-TISUM Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT83C24B-TISUM
Description  Smart Card Reader Interface with Power Management
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B-TISUM Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT83C24B-TISUM Datasheet HTML 5Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 6Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 7Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 8Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 9Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 10Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 11Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 12Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
4234F–SCR–10/05
AT83C24
Read Command
After the slave address has been configured, the read command allows to read one or several
bytes in the following order:
STATUS, CONFIG0, CONFIG1, CONFIG2, CONFIG3, INTERFACE, TIMER1, TIMER0,
CAPTURE1, CAPTURE0
FFh is completing the transfer if the microcontroller attempts to read beyond the last byte.
Note:
Flags are only reset after the corresponding byte read has been acknowledged by the master.
Table 4. Read Command Description
Interrupts
The PRES/INT behavior depends on IT_SEL bit value (see CONFIG4 register).
If IT_SEL= 0, the PRES/INT output is High by default (on chip pull up or open drain).
PRES/INT is driven Low by any of the following event:
INSERT bit set in CONFIG0 register (card insertion/extraction or bit set by software )
VCARD_INT bit set in STATUS register (the DC/DC output voltage has settled)
over-current detection on CVCC
VCARDERR bit set in CONFIG0 register (out of range voltage on CVCC or bit set by
software)
ATRERR bit set in CONFIG0 register (no ATR before the card clock counter
overflows or bit set by software).This control of ATR timing is only available if ART bit
=1.
If IT_SEL=0, a read command of STATUS register and of CONFIG0 register will release
PRES/INT pin to high level.
Several AT83C24 devices can share the same interrupt and the microcontroller can identify
the interrupt sources by polling the status of the AT83C24 devices using TWI commands.
If IT_SEL= 1 (mandatory for NDS applications and for software compatibility with existing
devices) the PRES/INT output is High to indicate a card is present and none of the following
event has occured:
Byte Description
Byte Value
Address byte
0100 A
2A1A01
Data byte 1
STATUS
Data byte 2
CONFIG0
Data byte 3
CONFIG1
Data byte 4
CONFIG2
Data byte 5
CONFIG3
Data byte 6
CONFIG4
Data byte 7
INTERFACE
Data byte 8
TIMER 1 (MSB)
Data byte 9
TIMER 0 (LSB)
Data byte 10
CAPTURE 1 (MSB)
Data byte 11
CAPTURE 0 (LSB)
Data byte 12
0xFF


Similar Part No. - AT83C24B-TISUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C24B-TISUM ATMEL-AT83C24B-TISUM Datasheet
457Kb / 42P
   Smart Card Reader Interface with Power Management
More results

Similar Description - AT83C24B-TISUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C24 ATMEL-AT83C24 Datasheet
723Kb / 42P
   Smart Card Reader Interface with Power Management
AT83C24B ATMEL-AT83C24B_07 Datasheet
457Kb / 42P
   Smart Card Reader Interface with Power Management
AT83C26 ATMEL-AT83C26 Datasheet
1Mb / 77P
   SMART CARD READER INTERFACE WITH POWER MANAGEMENT
AT83C26 ATMEL-AT83C26_07 Datasheet
737Kb / 77P
   Multiple Smart Card Reader Interface With Power Management
logo
Teridian Semiconductor ...
73S1210F TERIDIAN-73S1210F Datasheet
1Mb / 126P
   Self-Contained Smart Card Reader with PINpad and Power Management
logo
Maxim Integrated Produc...
73S1210F MAXIM-73S1210F Datasheet
1Mb / 126P
   Self-Contained Smart Card Reader with PINpad and Power Management
May 2009
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
logo
FCI connector
10010556 FCI-CONNECTOR-10010556 Datasheet
2Mb / 20P
   SMART CARD READER ASSEMBLY
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com