Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C24B-TISUM Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT83C24B-TISUM
Description  Smart Card Reader Interface with Power Management
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B-TISUM Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT83C24B-TISUM Datasheet HTML 6Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 7Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 8Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 9Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 10Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 11Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 12Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 13Page - ATMEL Corporation AT83C24B-TISUM Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
4234F–SCR–10/05
AT83C24
over-current detection on CVCC
VCARDERR bit set in CONFIG0 register (out of range voltage on CVCC or bit set by
software)
Card Presence Detection
The card presence is provided by the CPRES pin. The polarity of card presence contact is
selected with the CARDDET bit (see CONFIG1 register). A programmable filtering is controlled
with the CDS[2-0] bits (see CONFIG1 register).
An internal pull-up on the CPRES pin can be disconnected in order to reduce the consumption,
an external pull-up must then be connected to VCC. The PULLUP bit (see CONFIG1 register)
controls this feature.
The card presence switch is usually connected to Vss (card present if CPRES=1). The CARD-
DET bit must be set. The internal pull up can be connected.
If the card presence contact is connected to Vcc (card present if CPRES=0), the internal pull-up
must be disconnected (see PULLUP bit) and an external pull-down must be connected to the
CPRES pin.
An interrupt can be generated if a card is inserted or extracted (see interrupts §).
Figure 4. Card Presence Input
PULLUP Bit
CARDDET Bit
= 1 Closed
= 0 Open
= 1 No Card if CPRES = 0
= 0 No Card if CPRES = 1
CARDIN bit
= 1 Card Inserted
= 0 No Card
IT Controller
CPRES
PRES/INT
FILTERING
CDS[2-0]
VCC
INT_PULLUP Bit
= 1 Closed
= 0 Open
EVCC
IT_SEL Bit
(See Table 18)
Card
Presence
Contact
VCC
VCC
Card
Presence
Contact
VSS
VSS
External
Pull-up
External
Pull-down
Internal
Pull-up


Similar Part No. - AT83C24B-TISUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C24B-TISUM ATMEL-AT83C24B-TISUM Datasheet
457Kb / 42P
   Smart Card Reader Interface with Power Management
More results

Similar Description - AT83C24B-TISUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C24 ATMEL-AT83C24 Datasheet
723Kb / 42P
   Smart Card Reader Interface with Power Management
AT83C24B ATMEL-AT83C24B_07 Datasheet
457Kb / 42P
   Smart Card Reader Interface with Power Management
AT83C26 ATMEL-AT83C26 Datasheet
1Mb / 77P
   SMART CARD READER INTERFACE WITH POWER MANAGEMENT
AT83C26 ATMEL-AT83C26_07 Datasheet
737Kb / 77P
   Multiple Smart Card Reader Interface With Power Management
logo
Teridian Semiconductor ...
73S1210F TERIDIAN-73S1210F Datasheet
1Mb / 126P
   Self-Contained Smart Card Reader with PINpad and Power Management
logo
Maxim Integrated Produc...
73S1210F MAXIM-73S1210F Datasheet
1Mb / 126P
   Self-Contained Smart Card Reader with PINpad and Power Management
May 2009
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
logo
FCI connector
10010556 FCI-CONNECTOR-10010556 Datasheet
2Mb / 20P
   SMART CARD READER ASSEMBLY
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com