Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H24SN12029NKFA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # H24SN12029NKFA
Description  Delphi Series H24SN, 350W Half Brick Family DC/DC Power Modules: 18~36Vin, 28V/12.5A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H24SN12029NKFA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button H24SN12029NKFA Datasheet HTML 3Page - Delta Electronics, Inc. H24SN12029NKFA Datasheet HTML 4Page - Delta Electronics, Inc. H24SN12029NKFA Datasheet HTML 5Page - Delta Electronics, Inc. H24SN12029NKFA Datasheet HTML 6Page - Delta Electronics, Inc. H24SN12029NKFA Datasheet HTML 7Page - Delta Electronics, Inc. H24SN12029NKFA Datasheet HTML 8Page - Delta Electronics, Inc. H24SN12029NKFA Datasheet HTML 9Page - Delta Electronics, Inc. H24SN12029NKFA Datasheet HTML 10Page - Delta Electronics, Inc. H24SN12029NKFA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ELECTRICAL CHARACTERISTICS CURVES
Figure 13: Output voltage ripple at nominal input voltage and
rated load current (50 mV/div). Load capacitance:330uF
aluminum, 1µF ceramic capacitor and 10µFlow ESR capacitor.
Bandwidth: 20 MHz. Scope measurement should be made
using a BNC cable (length shorter than 20 inches). Position the
load between 51 mm to 76 mm (2 inches to 3 inches) from the
module.
Figure 14: Output voltage vs. load current showing typical
current limit curves and converter shutdown points.
H24SN28012_07272006
7


Similar Part No. - H24SN12029NKFA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H24 MCC-H24 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
logo
Systemsensor advanced i...
H24 SYSTEMSENSOR-H24 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
logo
Micro Commercial Compon...
H24-1 MCC-H24-1 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
logo
Meder Electronic
H24-1A69 MEDER-H24-1A69 Datasheet
177Kb / 2P
   H Reed Relay
H24-1A69_DE MEDER-H24-1A69_DE Datasheet
171Kb / 2P
   (deutsch) H Reed Relay
More results

Similar Description - H24SN12029NKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SN28012 DELTA-H48SN28012 Datasheet
550Kb / 13P
   Delphi Series H48SN, 350W HalfBrick Family DC/DC Power Modules: 48V in, 28V/12.5A out
H48SA28016NYH DELTA-H48SA28016NYH Datasheet
382Kb / 13P
   Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules: 48V in, 28V/16A out
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
S24SA1R212NRFA DELTA-S24SA1R212NRFA Datasheet
850Kb / 13P
   Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
H48SA28016NY DELTA-H48SA28016NY_14 Datasheet
382Kb / 14P
   Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA53010NNFA DELTA-H48SA53010NNFA Datasheet
1Mb / 13P
   Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
H48SC3R325PSFA DELTA-H48SC3R325PSFA Datasheet
400Kb / 12P
   Delphi Series H48SC3R325, 85W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/25A out
H48SV3R310 DELTA-H48SV3R310 Datasheet
667Kb / 14P
   Delphi Series H48SV, 150W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/10A out
H48SL1R560 DELTA-H48SL1R560 Datasheet
632Kb / 14P
   Delphi Series H48SL, 200W Half Brick Family DC/DC Power Modules: 48V in, 1.5V/60A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com