Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H48SV3R310PKFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # H48SV3R310PKFA
Description  Delphi Series H48SV, 150W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/10A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SV3R310PKFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  H48SV3R310PKFA Datasheet HTML 1Page - Delta Electronics, Inc. H48SV3R310PKFA Datasheet HTML 2Page - Delta Electronics, Inc. H48SV3R310PKFA Datasheet HTML 3Page - Delta Electronics, Inc. H48SV3R310PKFA Datasheet HTML 4Page - Delta Electronics, Inc. H48SV3R310PKFA Datasheet HTML 5Page - Delta Electronics, Inc. H48SV3R310PKFA Datasheet HTML 6Page - Delta Electronics, Inc. H48SV3R310PKFA Datasheet HTML 7Page - Delta Electronics, Inc. H48SV3R310PKFA Datasheet HTML 8Page - Delta Electronics, Inc. H48SV3R310PKFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ELECTRICAL CHARACTERISTICS CURVES
60
65
70
75
80
85
90
95
24
68
OUTPUT CURRENT(A)
10
36Vin
48Vin
75Vin
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
24
6
8
OUTPUT CURRENT(A)
10
36Vin
48Vin
75Vin
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C.
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 3: Typical input characteristics at room temperature
(Io=10A)
DS_H48SV3R310_08152006
3


Similar Part No. - H48SV3R310PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA DELTA-H48SA Datasheet
569Kb / 13P
   Standard footprint
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
H48SA12025NNFH DELTA-H48SA12025NNFH Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
More results

Similar Description - H48SV3R310PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA48003PNH DELTA-H48SA48003PNH Datasheet
523Kb / 13P
   Delphi Series H48SA, 150W Half Brick Family DC/DC Power Modules: 36~75V in, 48V/3.2A out
H48SC3R325PSFA DELTA-H48SC3R325PSFA Datasheet
400Kb / 12P
   Delphi Series H48SC3R325, 85W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/25A out
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA53010NNFA DELTA-H48SA53010NNFA Datasheet
1Mb / 13P
   Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
H48SA28016NYH DELTA-H48SA28016NYH Datasheet
382Kb / 13P
   Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules: 48V in, 28V/16A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com