Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB65N02R Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTB65N02R
Description  Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB65N02R Datasheet(HTML) 5 Page - ON Semiconductor

  NTB65N02R_05 Datasheet HTML 1Page - ON Semiconductor NTB65N02R_05 Datasheet HTML 2Page - ON Semiconductor NTB65N02R_05 Datasheet HTML 3Page - ON Semiconductor NTB65N02R_05 Datasheet HTML 4Page - ON Semiconductor NTB65N02R_05 Datasheet HTML 5Page - ON Semiconductor NTB65N02R_05 Datasheet HTML 6Page - ON Semiconductor NTB65N02R_05 Datasheet HTML 7Page - ON Semiconductor NTB65N02R_05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTB65N02R, NTP65N02R
http://onsemi.com
5
Figure 12. Thermal Response
t, TIME (s)
1
0.1
110
0.1
0.01
0.0001
0.001
D = 0.5
0.2
0.1
0.05
0.01
SINGLE PULSE
ORDERING INFORMATION
Device
Package
Shipping
NTB65N02R
D2PAK
50 Units / Rail
NTB65N02RG
D2PAK
(Pb−Free)
50 Units / Rail
NTB65N02RT4
D2PAK
800 / Tape & Reel
NTB65N02RT4G
D2PAK
(Pb−Free)
800 / Tape & Reel
NTP65N02R
TO−220AB
50 Units / Rail
NTP65N02RG
TO−220AB
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTB65N02R_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB65N02RT4 ONSEMI-NTB65N02RT4 Datasheet
47Kb / 4P
   Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
October, 2002 ??Rev. 0
More results

Similar Description - NTB65N02R_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP65N02R ONSEMI-NTP65N02R Datasheet
47Kb / 4P
   Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
October, 2002 ??Rev. 0
NTB125N02R ONSEMI-NTB125N02R Datasheet
68Kb / 6P
   Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
October, 2003 ??Rev. 4
NTP60N06 ONSEMI-NTP60N06 Datasheet
85Kb / 10P
   60 V, 60 A, N-Channel TO-220 and D2PAK
October, 2004 ??Rev. 3
NTB125N02R ONSEMI-NTB125N02R_06 Datasheet
90Kb / 7P
   Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
logo
STMicroelectronics
STB20NM50FD STMICROELECTRONICS-STB20NM50FD_08 Datasheet
403Kb / 16P
   N-channel 500 V, 0.22 廓, 20 A D2PAK, TO-220FP, TO-220 FDmesh??Power MOSFET
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD_08 Datasheet
416Kb / 16P
   N-channel 600 V - 0.85 廓 - 7 A - D2PAK, TO-220FP, TO-220 SuperFREDMesh??Power MOSFET
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
   N-channel 55 V, 0.0065 廓, 80 A, TO-220, D2PAK, TO-247 STripFET??Power MOSFET
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
   N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
STP76NF75 STMICROELECTRONICS-STP76NF75 Datasheet
771Kb / 15P
   N-channel 75 V, 0.0095, 80 A TO-220, D2PAK, I2PAK STripFET II Power MOSFET
STB180N10F3 STMICROELECTRONICS-STB180N10F3 Datasheet
256Kb / 12P
   N-channel 100 V, 4.0 m廓, 120 A STripFET??Power MOSFET D2PAK, TO-220
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com