Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB65N02R Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTB65N02R
Description  Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB65N02R Datasheet(HTML) 6 Page - ON Semiconductor

  NTB65N02R_05 Datasheet HTML 1Page - ON Semiconductor NTB65N02R_05 Datasheet HTML 2Page - ON Semiconductor NTB65N02R_05 Datasheet HTML 3Page - ON Semiconductor NTB65N02R_05 Datasheet HTML 4Page - ON Semiconductor NTB65N02R_05 Datasheet HTML 5Page - ON Semiconductor NTB65N02R_05 Datasheet HTML 6Page - ON Semiconductor NTB65N02R_05 Datasheet HTML 7Page - ON Semiconductor NTB65N02R_05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NTB65N02R, NTP65N02R
http://onsemi.com
6
PACKAGE DIMENSIONS
TO−220AB
CASE 221A−09
ISSUE AA
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
−−−
1.15
−−−
Z
−−−
0.080
−−−
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J
STYLE 5:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN


Similar Part No. - NTB65N02R_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB65N02RT4 ONSEMI-NTB65N02RT4 Datasheet
47Kb / 4P
   Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
October, 2002 ??Rev. 0
More results

Similar Description - NTB65N02R_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP65N02R ONSEMI-NTP65N02R Datasheet
47Kb / 4P
   Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
October, 2002 ??Rev. 0
NTB125N02R ONSEMI-NTB125N02R Datasheet
68Kb / 6P
   Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
October, 2003 ??Rev. 4
NTP60N06 ONSEMI-NTP60N06 Datasheet
85Kb / 10P
   60 V, 60 A, N-Channel TO-220 and D2PAK
October, 2004 ??Rev. 3
NTB125N02R ONSEMI-NTB125N02R_06 Datasheet
90Kb / 7P
   Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
logo
STMicroelectronics
STB20NM50FD STMICROELECTRONICS-STB20NM50FD_08 Datasheet
403Kb / 16P
   N-channel 500 V, 0.22 廓, 20 A D2PAK, TO-220FP, TO-220 FDmesh??Power MOSFET
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD_08 Datasheet
416Kb / 16P
   N-channel 600 V - 0.85 廓 - 7 A - D2PAK, TO-220FP, TO-220 SuperFREDMesh??Power MOSFET
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
   N-channel 55 V, 0.0065 廓, 80 A, TO-220, D2PAK, TO-247 STripFET??Power MOSFET
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
   N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
STP76NF75 STMICROELECTRONICS-STP76NF75 Datasheet
771Kb / 15P
   N-channel 75 V, 0.0095, 80 A TO-220, D2PAK, I2PAK STripFET II Power MOSFET
STB180N10F3 STMICROELECTRONICS-STB180N10F3 Datasheet
256Kb / 12P
   N-channel 100 V, 4.0 m廓, 120 A STripFET??Power MOSFET D2PAK, TO-220
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com