Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSF595 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NLSF595
Description  Serial (SPI) Tri-Color LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF595 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NLSF595_05 Datasheet HTML 6Page - ON Semiconductor NLSF595_05 Datasheet HTML 7Page - ON Semiconductor NLSF595_05 Datasheet HTML 8Page - ON Semiconductor NLSF595_05 Datasheet HTML 9Page - ON Semiconductor NLSF595_05 Datasheet HTML 10Page - ON Semiconductor NLSF595_05 Datasheet HTML 11Page - ON Semiconductor NLSF595_05 Datasheet HTML 12Page - ON Semiconductor NLSF595_05 Datasheet HTML 13Page - ON Semiconductor NLSF595_05 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NLSF595
http://onsemi.com
11
OE
SCK
QA
QD
QC
QB
QE
QF
QG
QH
+5.0 V
Figure 16. NLSF595 Example
+2.5 V
SQH
SI
RCK
For Cascading
Devices
Data
Clock
EN
QA
QD
QC
QB
QE
QF
QG
QH
ON
0
OFF
1
OFF
1
OFF
1
OFF
1
ON
0
ON
0
ON
0
Data
Clock
Data must be valid at the time
of the positive edge.
Duty Cycle Not Important
LED
DATA
250 ns
See Data Sheet for Pinout


Similar Part No. - NLSF595_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF595DR2 ONSEMI-NLSF595DR2 Datasheet
130Kb / 16P
   Serial (SPI) Tri-Color LED Driver
November, 2004 ??Rev. 7
NLSF595DTR2 ONSEMI-NLSF595DTR2 Datasheet
130Kb / 16P
   Serial (SPI) Tri-Color LED Driver
November, 2004 ??Rev. 7
NLSF595DTR2G ONSEMI-NLSF595DTR2G Datasheet
163Kb / 14P
   Serial (SPI) Tri-Color LED Driver
June, 2011 ??Rev. 9
NLSF595MNR2 ONSEMI-NLSF595MNR2 Datasheet
130Kb / 16P
   Serial (SPI) Tri-Color LED Driver
November, 2004 ??Rev. 7
NLSF595MNR2G ONSEMI-NLSF595MNR2G Datasheet
130Kb / 16P
   Serial (SPI) Tri-Color LED Driver
November, 2004 ??Rev. 7
More results

Similar Description - NLSF595_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF595DTR2G ONSEMI-NLSF595DTR2G Datasheet
163Kb / 14P
   Serial (SPI) Tri-Color LED Driver
June, 2011 ??Rev. 9
NLSF595 ONSEMI-NLSF595 Datasheet
130Kb / 16P
   Serial (SPI) Tri-Color LED Driver
November, 2004 ??Rev. 7
logo
List of Unclassifed Man...
QBLP600-RGB ETC1-QBLP600-RGB Datasheet
425Kb / 7P
   TRI COLOR LED
logo
SparkFun Electronics
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
   LilyPad Tri-Color LED
10/12/2015
logo
STANLEY ELECTRIC CO.,LT...
CRGB1314ASE-TR STANLEY-CRGB1314ASE-TR Datasheet
740Kb / 30P
   RGB tri-color emitting LED
logo
Visual Communications C...
6300 VCC-6300 Datasheet
79Kb / 1P
   Tri-Color Rectangular LED Assembly
logo
STANLEY ELECTRIC CO.,LT...
CRGB1318FSE-TM STANLEY-CRGB1318FSE-TM Datasheet
851Kb / 32P
   RGB tri-color emitting LED
logo
Micropac Industries
62098 MICROPAC-62098 Datasheet
170Kb / 3P
   TRI-COLOR HERMETIC LED INDICATORS
62118 MICROPAC-62118 Datasheet
111Kb / 2P
   TRI-COLOR HERMETIC LED INDICATORS
logo
STANLEY ELECTRIC CO.,LT...
ARGB1313HS-TR STANLEY-ARGB1313HS-TR Datasheet
683Kb / 32P
   RGB tri-color emitting LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com