Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSF1174MNR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLSF1174MNR2
Description  Hex D Flip?묯lop with Common Clock and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF1174MNR2 Datasheet(HTML) 1 Page - ON Semiconductor

  NLSF1174MNR2 Datasheet HTML 1Page - ON Semiconductor NLSF1174MNR2 Datasheet HTML 2Page - ON Semiconductor NLSF1174MNR2 Datasheet HTML 3Page - ON Semiconductor NLSF1174MNR2 Datasheet HTML 4Page - ON Semiconductor NLSF1174MNR2 Datasheet HTML 5Page - ON Semiconductor NLSF1174MNR2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 5
1
Publication Order Number:
NLSF1174/D
NLSF1174
Hex D Flip−Flop with
Common Clock and Reset
This device consists of six D flip−flops with common Clock and
Reset inputs. Each flip−flop is loaded with a low−to−high transition of
the Clock input. Reset is asynchronous and active low. All
inputs/outputs are standard CMOS compatible.
Features
Output Drive Compatibility: 10 LSTTL Loads
Outputs Directly Interface to CMOS
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 mA
MSL Level 1
Chip Complexity: 162 FET
Pb−Free Package is Available*
1
2
3
4
Q5
VCC
16
15
14
13
56
7
8
9
10
11
12
D3
D5
D4
Q2
Q0
D0
Reset
Q3
Clock
GND
Q4
D2
Q1
D1
Figure 1. PIN ASSIGNMENT (Top View)
Center pad on bottom may be connected to VCC of device.
This pad must be isolated or connected to VCC.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
Inputs
Output
Reset
Clock
D
Q
FUNCTION TABLE
L
H
H
H
H
L
XX
No Change
No Change
H
L
X
X
L
H
L
Device
Package
Shipping
ORDERING INFORMATION
NLSF1174MNR2
QFN−16
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NLSF1174MNR2G
QFN−16
(Pb−Free)
3000 / Tape & Reel
NLSF1174 = Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
QFN−16
MN SUFFIX
CASE 485G
16
NLSF
1174
ALYW
G
G
1
1


Similar Part No. - NLSF1174MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF2500 ONSEMI-NLSF2500 Datasheet
138Kb / 5P
   Keypad Multiplexer
June, 2006 ??Rev. 2
NLSF2500MN1R2G ONSEMI-NLSF2500MN1R2G Datasheet
138Kb / 5P
   Keypad Multiplexer
June, 2006 ??Rev. 2
NLSF302 ONSEMI-NLSF302 Datasheet
68Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
NLSF302 ONSEMI-NLSF302 Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
More results

Similar Description - NLSF1174MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A_06 Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
MC74HC174A ONSEMI-MC74HC174A Datasheet
155Kb / 8P
   Hex D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 7
logo
Integral Corp.
IN74ACT174 INTEGRAL-IN74ACT174 Datasheet
163Kb / 5P
   HEX D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A_12 Datasheet
148Kb / 10P
   Hex D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 12
logo
System Logic Semiconduc...
SL74HC174 SLS-SL74HC174 Datasheet
46Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74AC174 ONSEMI-MC74AC174 Datasheet
225Kb / 9P
   Hex D Flip?묯lop with Master Reset
June, 2006 ??Rev. 7
MC74HCT273A ONSEMI-MC74HCT273A_06 Datasheet
148Kb / 8P
   Octal D Flip?묯lop with Common Clock and Reset with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 10
MC10H186 ONSEMI-MC10H186_06 Datasheet
149Kb / 5P
   Hex D Master?뭆lave Flip?묯lop with Reset
February, 2006 ??Rev. 7
MC74HC175A ONSEMI-MC74HC175A_05 Datasheet
121Kb / 10P
   Quad D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74HC273A ONSEMI-MC74HC273A_05 Datasheet
138Kb / 10P
   Octal D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com