Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSF595MNR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLSF595MNR2G
Description  Serial (SPI) Tri-Color LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF595MNR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLSF595MNR2G Datasheet HTML 2Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 3Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 4Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 5Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 6Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 7Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 8Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 9Page - ON Semiconductor NLSF595MNR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NLSF595
http://onsemi.com
6
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = ≤ 85°C
TA = ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Clock Frequency
(50% Duty Cycle)
VCC = 3.3 $ 0.3 V
80
150
70
70
MHz
VCC = 5.0 ± 0.5 V
135
185
115
115
tPLH,
tPHL
Propagation Delay, SCK to
SQH
VCC = 3.3 $ 0.3 V
CL = 15 pF
CL = 50 pF
8.8
11.3
13.0
16.5
1.0
1.0
15.0
18.5
1.0
1.0
15.0
18.5
ns
VCC = 5.0 $ 0.5 V
CL = 15 pF
CL = 50 pF
6.2
7.7
8.2
10.2
1.0
1.0
9.4
11.4
1.0
1.0
9.4
11.4
tPHL
Propagation Delay,
SCLR to SQH
VCC = 3.3 $ 0.3 V
CL = 15 pF
CL = 50 pF
8.4
10.9
12.8
16.3
1.0
1.0
13.7
17.2
1.0
1.0
13.7
17.2
ns
VCC = 5.0 $ 0.5 V
CL = 15 pF
CL = 50 pF
5.9
7.4
8.0
10.0
1.0
1.0
9.1
11.1
1.0
1.0
9.1
11.1
tPLZ
Output Disable Time
RCK to QA−QH
Output Enable Time
RCK to QA−QH
VCC = 3.3 $ 0.3 V
CL = 15 pF
CL = 50 pF
VCC = 5.0 $ 0.5 V
CL = 15 pF
CL = 50 pF
7.7
10.2
5.4
6.9
11.9
15.4
7.4
9.4
1.0
1.0
1.0
1.0
13.5
17.0
8.5
10.5
1.0
1.0
1.0
1.0
13.5
17.0
8.5
10.5
ns
tPZL
Output Disable Time
RCK to QA−QH
Output Enable Time
RCK to QA−QH
VCC = 3.3 $ 0.3 V
CL = 15 pF
CL = 50 pF
VCC = 5.0 $ 0.5 V
CL = 15 pF
CL = 50 pF
7.7
10.2
5.4
6.9
11.9
15.4
7.4
9.4
1.0
1.0
1.0
1.0
13.5
17.0
8.5
10.5
1.0
1.0
1.0
1.0
13.5
17.0
8.5
10.5
ns
tPZL
Output Enable Time,
OE to QA−QH
VCC = 3.3 $ 0.3 V
CL = 15 pF
RL = 1 kW
CL = 50 pF
7.5
9.0
11.5
15.0
1.0
1.0
13.5
17.0
1.0
1.0
13.5
17.0
ns
VCC = 5.0 $ 0.5 V
CL = 15 pF
RL = 1 kW
CL = 50 pF
4.8
8.3
8.6
10.6
1.0
1.0
10.0
12.0
1.0
1.0
10.0
12.0
tPLZ
Output Disable Time,
OE to QA−QH
VCC = 3.3 $ 0.3 V
CL = 50 pF
RL = 1 kW
12.1
15.7
1.0
16.2
1.0
16.2
ns
VCC = 5.0 $ 0.5 V
CL = 50 pF
RL = 1 kW
7.6
10.3
1.0
11.0
1.0
11.0
CIN
Input Capacitance
4
10
10
10
pF
COUT
Three−State Output
Capacitance (Output in
High−Impedance State),
QA−QH
6
10
10
pF
CPD
Power Dissipation Capacitance (Note 2)
Typical @ 25
°C, VCC = 5.0 V
pF
87
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0 ns, CL = 50 pF, VCC = 5.0 V)
Symbol
Characteristic
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
0.8
1.0
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.8
−1.0
V
VIHD
Minimum High Level Dynamic Input Voltage
3.5
V
VILD
Maximum Low Level Dynamic Input Voltage
1.5
V


Similar Part No. - NLSF595MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF595MNR2G ONSEMI-NLSF595MNR2G Datasheet
130Kb / 16P
   Serial (SPI) Tri-Color LED Driver
November, 2004 ??Rev. 7
NLSF595MNR2G ONSEMI-NLSF595MNR2G Datasheet
163Kb / 14P
   Serial (SPI) Tri-Color LED Driver
June, 2011 ??Rev. 9
More results

Similar Description - NLSF595MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF595DTR2G ONSEMI-NLSF595DTR2G Datasheet
163Kb / 14P
   Serial (SPI) Tri-Color LED Driver
June, 2011 ??Rev. 9
NLSF595 ONSEMI-NLSF595 Datasheet
130Kb / 16P
   Serial (SPI) Tri-Color LED Driver
November, 2004 ??Rev. 7
logo
List of Unclassifed Man...
QBLP600-RGB ETC1-QBLP600-RGB Datasheet
425Kb / 7P
   TRI COLOR LED
logo
SparkFun Electronics
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
   LilyPad Tri-Color LED
10/12/2015
logo
STANLEY ELECTRIC CO.,LT...
CRGB1314ASE-TR STANLEY-CRGB1314ASE-TR Datasheet
740Kb / 30P
   RGB tri-color emitting LED
logo
Visual Communications C...
6300 VCC-6300 Datasheet
79Kb / 1P
   Tri-Color Rectangular LED Assembly
logo
STANLEY ELECTRIC CO.,LT...
CRGB1318FSE-TM STANLEY-CRGB1318FSE-TM Datasheet
851Kb / 32P
   RGB tri-color emitting LED
logo
Micropac Industries
62098 MICROPAC-62098 Datasheet
170Kb / 3P
   TRI-COLOR HERMETIC LED INDICATORS
62118 MICROPAC-62118 Datasheet
111Kb / 2P
   TRI-COLOR HERMETIC LED INDICATORS
logo
STANLEY ELECTRIC CO.,LT...
ARGB1313HS-TR STANLEY-ARGB1313HS-TR Datasheet
683Kb / 32P
   RGB tri-color emitting LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com