Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSF1174MNR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLSF1174MNR2G
Description  Hex D Flip?묯lop with Common Clock and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF1174MNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NLSF1174MNR2G Datasheet HTML 1Page - ON Semiconductor NLSF1174MNR2G Datasheet HTML 2Page - ON Semiconductor NLSF1174MNR2G Datasheet HTML 3Page - ON Semiconductor NLSF1174MNR2G Datasheet HTML 4Page - ON Semiconductor NLSF1174MNR2G Datasheet HTML 5Page - ON Semiconductor NLSF1174MNR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NLSF1174
http://onsemi.com
3
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
DC Supply Voltage
(Referenced to GND)
VCC
2.0
6.0
V
DC Input Voltage, Output Voltage
(Referenced to GND) (Note 7)
VIN, VOUT
0
VCC
V
Operating Temperature, All Package Types
TA
*55
)125
°C
Input Rise and Fall Time (Figure 4)
VCC = 2.0 V
VCC = 4.5 V
VCC = 6.0 V
tr, tf
0
0
0
1000
500
400
ns
7. Unused inputs may not be left open. All inputs must be tied to a high− or low−logic input voltage level.
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Parameter
Test Conditions
VCC
V
Guaranteed Limit
Unit
Symbol
*555C to 255C
v855C
v1255C
Minimum High−Level Input Voltage
VOUT = 0.1 V or VCC – 0.1 V
|IOUT| v 20 mA
VIH
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
Maximum Low−Level Input Voltage
VOUT = 0.1 V or VCC – 0.1 V
|IOUT| v 20 mA
VIL
2.0
4.5
6.0
0.5
1.35
1.8
0.5
1.35
1.8
0.5
1.35
1.8
V
Minimum High−Level Output Voltage
VIN = VIH or VIL
|IOUT| v 20 mA
VOH
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN = VIH or VIL
|IOUT| v 4.0 mA
|IOUT| v 5.2 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
Maximum Low−Level Output Voltage
VIN = VIH or VIL
|IOUT| v 20 mA
VOL
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
|IOUT| v 4.0 mA
|IOUT| v 5.2 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
Maximum Input Leakage Current
VIN = VCC or GND
IIN
6.0
$0.1
$1.0
$1.0
mA
Maximum Quiescent Supply Current
(per Package)
VIN = VCC or GND
IOUT = 0 mA
ICC
6.0
4.0
40
160
mA
8. Information on typical parametric values, along with high frequency or heavy load considerations, can be found in the ON Semiconductor
High−Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
Parameter
VCC
V
Guaranteed Limit
Unit
Symbol
*555C to 255C v855C
v1255C
Maximum Clock Frequency (50% Duty Cycle)
(Figures 4 and 7)
fmax
2.0
4.5
6.0
6.0
30
35
4.8
24
28
4.0
20
24
MHz
Maximum Propagation Delay, Clock to Q
(Figures 5 and 7)
tPLH
tPHL
2.0
4.5
6.0
110
22
19
140
28
24
165
33
28
ns
Maximum Propagation Delay, Reset to Q
(Figures 2 and 7)
tPLH
tPHL
2.0
4.5
6.0
110
21
19
140
28
24
160
32
27
ns
Maximum Output Transition Time, Any Output
(Figures 4 and 7)
tTLH
tTHL
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
Maximum Input Capacitance
Cin
10
10
10
pF
Power Dissipation Capacitance, per Enabled Output (Note 10)
CPD
Typical @ 25
5C, VCC = 5.0 V
pF
62
9. For propagation delays with loads other than 50 pF, and information on typical parametric values, see the ON Semiconductor High−Speed
CMOS Data Book (DL129/D).
10. Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see the ON
Semiconductor High−Speed CMOS Data Book (DL129/D).


Similar Part No. - NLSF1174MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF2500 ONSEMI-NLSF2500 Datasheet
138Kb / 5P
   Keypad Multiplexer
June, 2006 ??Rev. 2
NLSF2500MN1R2G ONSEMI-NLSF2500MN1R2G Datasheet
138Kb / 5P
   Keypad Multiplexer
June, 2006 ??Rev. 2
NLSF302 ONSEMI-NLSF302 Datasheet
68Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
NLSF302 ONSEMI-NLSF302 Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
More results

Similar Description - NLSF1174MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A_06 Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
MC74HC174A ONSEMI-MC74HC174A Datasheet
155Kb / 8P
   Hex D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 7
logo
Integral Corp.
IN74ACT174 INTEGRAL-IN74ACT174 Datasheet
163Kb / 5P
   HEX D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A_12 Datasheet
148Kb / 10P
   Hex D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 12
logo
System Logic Semiconduc...
SL74HC174 SLS-SL74HC174 Datasheet
46Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74AC174 ONSEMI-MC74AC174 Datasheet
225Kb / 9P
   Hex D Flip?묯lop with Master Reset
June, 2006 ??Rev. 7
MC74HCT273A ONSEMI-MC74HCT273A_06 Datasheet
148Kb / 8P
   Octal D Flip?묯lop with Common Clock and Reset with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 10
MC10H186 ONSEMI-MC10H186_06 Datasheet
149Kb / 5P
   Hex D Master?뭆lave Flip?묯lop with Reset
February, 2006 ??Rev. 7
MC74HC175A ONSEMI-MC74HC175A_05 Datasheet
121Kb / 10P
   Quad D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74HC273A ONSEMI-MC74HC273A_05 Datasheet
138Kb / 10P
   Octal D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com