Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSF2500MN1R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLSF2500MN1R2G
Description  Keypad Multiplexer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF2500MN1R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NLSF2500MN1R2G Datasheet HTML 1Page - ON Semiconductor NLSF2500MN1R2G Datasheet HTML 2Page - ON Semiconductor NLSF2500MN1R2G Datasheet HTML 3Page - ON Semiconductor NLSF2500MN1R2G Datasheet HTML 4Page - ON Semiconductor NLSF2500MN1R2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 2
1
Publication Order Number:
NLSF2500/D
NLSF2500
Keypad Multiplexer
The NLSF2500 is a keyboard multiplexer fabricated in sub−micron
silicon CMOS Technology. The NLSF2500 is designed to operate
over wide operating voltage, with minimum power consumption and
very low voltage drop from VCC. The device saves dozens of active
and passive components and permits operating voltage far lower than
the standard diode scheme.
Features
Single Supply Operation
Optimized for 1.8 V to 3.6 V VCC
Tiny 3 x 3 mm QFN−16 Package
Conforms to: JEDEC MO−220, Issue H, Variation VEED−6
Very Low Voltage Drop
Permits Operation Down to 1.65 V
Near Zero Static Power
ESD Protection: Human Body Model (HBM); > 3000 V,
Machine Model (MM); >300 V
Latchup Maximum Rating: 200 mA
Pin−to−Pin Compatible with CM2500
This is a Pb−Free Device
Typical Applications
Cell Phones
PDAs
MP3 players
http://onsemi.com
QFN−16
CASE 485AE
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
XXXX = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
PIN CONNECTIONS
IN1
OUTA
NC
VCC
NC
GND
OUTB
OUT5
4
3
2
1
9
10
11
12
Bottom View
16
NLSF
2500
ALYW
G
1


Similar Part No. - NLSF2500MN1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF1174 ONSEMI-NLSF1174 Datasheet
82Kb / 6P
   Hex D Flip?묯lop with Common Clock and Reset
May, 2006 ??Rev. 5
NLSF1174MNR2 ONSEMI-NLSF1174MNR2 Datasheet
82Kb / 6P
   Hex D Flip?묯lop with Common Clock and Reset
May, 2006 ??Rev. 5
NLSF1174MNR2G ONSEMI-NLSF1174MNR2G Datasheet
82Kb / 6P
   Hex D Flip?묯lop with Common Clock and Reset
May, 2006 ??Rev. 5
NLSF1174 ONSEMI-NLSF1174_06 Datasheet
82Kb / 6P
   Hex D Flip?묯lop with Common Clock and Reset
May, 2006 ??Rev. 5
NLSF302 ONSEMI-NLSF302 Datasheet
68Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
More results

Similar Description - NLSF2500MN1R2G

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2500-05 CALMIRCO-CM2500-05 Datasheet
131Kb / 5P
   CMOS Multiplexer for Keypad Switches
logo
Cherry Semiconductor Co...
G844700LPBUS2 CHERRY-G844700LPBUS2 Datasheet
159Kb / 2P
   Keypad
logo
List of Unclassifed Man...
MCAK304NSSBWPMM ETC2-MCAK304NSSBWPMM Datasheet
206Kb / 2P
   Keypad
logo
Schurter Inc.
PIEZOKEYPADS SCHURTER-PIEZOKEYPADS Datasheet
547Kb / 4P
   Piezo Keypad
logo
AAEON Technology
FWS-7520 AAEON-FWS-7520 Datasheet
260Kb / 2P
   lcm with keypad
logo
Texas Instruments
LM8330 TI1-LM8330 Datasheet
1Mb / 55P
[Old version datasheet]   Compatible Keypad Controller
logo
Gamewell-FCI by Honeywe...
LCD-E3 GAMEWELL-FCI-LCD-E3_13 Datasheet
49Kb / 1P
   LCD Keypad Display
logo
AAEON Technology
FWS-7811 AAEON-FWS-7811 Datasheet
240Kb / 2P
   lcm with keypad
FWS-7820 AAEON-FWS-7820 Datasheet
273Kb / 2P
   clm with keypad
logo
List of Unclassifed Man...
MCAK304NWWB ETC2-MCAK304NWWB Datasheet
461Kb / 2P
   Keypad Plastic, Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com