Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG3525ADWR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SG3525ADWR2
Description  Pulse Width Modulator Control Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SG3525ADWR2 Datasheet(HTML) 2 Page - ON Semiconductor

  SG3525ADWR2 Datasheet HTML 1Page - ON Semiconductor SG3525ADWR2 Datasheet HTML 2Page - ON Semiconductor SG3525ADWR2 Datasheet HTML 3Page - ON Semiconductor SG3525ADWR2 Datasheet HTML 4Page - ON Semiconductor SG3525ADWR2 Datasheet HTML 5Page - ON Semiconductor SG3525ADWR2 Datasheet HTML 6Page - ON Semiconductor SG3525ADWR2 Datasheet HTML 7Page - ON Semiconductor SG3525ADWR2 Datasheet HTML 8Page - ON Semiconductor SG3525ADWR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SG3525A
http://onsemi.com
2
Figure 1. Representative Block Diagram
NOR
NOR
16
15
12
4
3
6
5
7
9
1
2
8
10
Reference
Regulator
Under−
Voltage
Lockout
Oscillator
Latch
F/F
Q
Q
− PWM
Error
Amp
+
+
To Internal
Circuitry
VREF
Vref
VCC
Ground
OSC Output
Sync
RT
CT
Discharge
Compensation
INV. Input
Noninv. Input
CSoft−Start
Shutdown
5.0k
S
R
S
50
mA
VC
13
Output A
11
14
Output B
SG3525A Output Stage
5.0k
ORDERING INFORMATION
Device
Package
Shipping
SG3525AN
PDIP−16
25 Units / Rail
SG3525ANG
PDIP−16
(Pb−Free)
25 Units / Rail
SG3525ADW
SOIC−16L
47 Units / Rail
SG3525ADWG
SOIC−16L
(Pb−Free)
47 Units / Rail
SG3525ADWR2
SOIC−16L
1000 Tape & Reel
SG3525ADWR2G
SOIC−16L
(Pb−Free)
1000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - SG3525ADWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SG3525ADWR2 ONSEMI-SG3525ADWR2 Datasheet
146Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
SG3525ADWR2G ONSEMI-SG3525ADWR2G Datasheet
146Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
More results

Similar Description - SG3525ADWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A_09 Datasheet
146Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
logo
NTE Electronics
NTE1729 NTE-NTE1729 Datasheet
30Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE1753 NTE-NTE1753 Datasheet
36Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
NTE1722 NTE-NTE1722 Datasheet
31Kb / 4P
   Integrated Circuit Pulse Width Modulator (PWM) Control Circuit
logo
Motorola, Inc
SG3525A MOTOROLA-SG3525A Datasheet
205Kb / 8P
   PULSE WIDTH MODULATOR CONTROL CIRCUITS
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A Datasheet
205Kb / 8P
   PULSE WIDTH MODULATOR CONTROL CIRCUITS
1996 REV 2
logo
NTE Electronics
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
   Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com