Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP102 Datasheet(PDF) 5 Page - ON Semiconductor

Part # TIP102
Description  Plastic Medium?뭁ower Complementary Silicon Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP102 Datasheet(HTML) 5 Page - ON Semiconductor

  TIP102 Datasheet HTML 1Page - ON Semiconductor TIP102 Datasheet HTML 2Page - ON Semiconductor TIP102 Datasheet HTML 3Page - ON Semiconductor TIP102 Datasheet HTML 4Page - ON Semiconductor TIP102 Datasheet HTML 5Page - ON Semiconductor TIP102 Datasheet HTML 6Page - ON Semiconductor TIP102 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TIP100, TIP101, TIP102 (NPN); TIP105, TIP106, TIP107 (PNP)
http://onsemi.com
5
300
0.1
VR, REVERSE VOLTAGE (VOLTS)
30
2.0
5.0
10
20
100
50
0.2
0.5
1.0
100
50
TJ = 25°C
Cib
70
Cob
PNP
NPN
Figure 6. Small−Signal Current Gain
10,000
1.0
f, FREQUENCY (kHz)
10
20
50
100
200
1000
2.0
5.0
10
3000
500
100
TC = 25°C
VCE = 4.0 Vdc
IC = 3.0 Adc
1000
PNP
NPN
Figure 7. Capacitance
50
500
5000
2000
300
200
30
20
200


Similar Part No. - TIP102

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP102 MOSPEC-TIP102 Datasheet
200Kb / 4P
   POWER TRANSISTORS(8A,60-100V,80W)
logo
Savantic, Inc.
TIP102 SAVANTIC-TIP102 Datasheet
93Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
ON Semiconductor
TIP102 ONSEMI-TIP102 Datasheet
138Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 14
logo
Motorola, Inc
TIP102 MOTOROLA-TIP102 Datasheet
218Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Rectron Semiconductor
TIP102 RECTRON-TIP102 Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
More results

Similar Description - TIP102

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_06 Datasheet
94Kb / 6P
   Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
TIP35A ONSEMI-TIP35A_05 Datasheet
86Kb / 6P
   Complementary Silicon High?뭁ower Transistors
September, 2005 ??Rev. 5
2N5883 ONSEMI-2N5883 Datasheet
94Kb / 6P
   Complementary Silicon High?뭁ower Transistors
March, 2006 ??Rev. 11
MJE521 ONSEMI-MJE521 Datasheet
67Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 5
MJE371 ONSEMI-MJE371 Datasheet
66Kb / 3P
   Plastic Medium?뭁ower PNP Silicon Transistor
February, 2006 ??Rev. 6
MJE344 ONSEMI-MJE344_06 Datasheet
68Kb / 3P
   Plastic NPN Silicon Medium?뭁ower Transistor
February, 2006 ??Rev. 2
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com