Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP111 Datasheet(PDF) 4 Page - ON Semiconductor

Part # TIP111
Description  Plastic Medium-Power Complementary Silicon Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP111 Datasheet(HTML) 4 Page - ON Semiconductor

  TIP111 Datasheet HTML 1Page - ON Semiconductor TIP111 Datasheet HTML 2Page - ON Semiconductor TIP111 Datasheet HTML 3Page - ON Semiconductor TIP111 Datasheet HTML 4Page - ON Semiconductor TIP111 Datasheet HTML 5Page - ON Semiconductor TIP111 Datasheet HTML 6Page - ON Semiconductor TIP111 Datasheet HTML 7Page - ON Semiconductor TIP111 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TIP110, TIP111, TIP112 (NPN); TIP115, TIP116, TIP117 (PNP)
http://onsemi.com
4
Figure 2. Switching Times Test Circuit
4.0
0.04
Figure 3. Switching Times
IC, COLLECTOR CURRENT (AMP)
2.0
1.0
0.8
0.2
0.06
0.1
0.2
0.4
0.6
1.0
2.0
4.0
0.6
PNP
NPN
tf
tr
ts
td @ VBE(off) = 0
V2
approx
+8.0 V
V1
approx
−12 V
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
25
ms
0
RB
51
D1
+4.0 V
VCC
−30 V
RC
TUT
≈ 8.0 k
≈ 60
SCOPE
for td and tr, D1 is disconnected
and V2 = 0, RB and RC are varied
to obtain desired test currents.
For NPN test circuit, reverse diode,
polarities and input pulses.
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1, MUST BE FAST RECOVERY TYPE, eg:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
VCC = 30 V
IC/IB = 250
0.4
IB1 = IB2
TJ = 25°C
Figure 4. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1.0 k
500
ZqJC(t) = r(t) RqJC
RqJC = 2.5°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) ZqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
0.7
0.3
0.07
0.03
0.02


Similar Part No. - TIP111

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP111 MOSPEC-TIP111 Datasheet
146Kb / 3P
   POWER TRANSISTORS(2.0A,60-100V,50W)
logo
Inchange Semiconductor ...
TIP111 ISC-TIP111 Datasheet
175Kb / 4P
   Silicon NPN Darlington Power Transistors
logo
Motorola, Inc
TIP111 MOTOROLA-TIP111 Datasheet
269Kb / 6P
   DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Comset Semiconductor
TIP111 COMSET-TIP111 Datasheet
103Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
TIP111 ONSEMI-TIP111 Datasheet
269Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
REV 1
More results

Similar Description - TIP111

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
BDX53B ONSEMI-BDX53B_06 Datasheet
87Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
February, 2006 ??Rev. 12
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120_05 Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com