Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP127 Datasheet(PDF) 3 Page - ON Semiconductor

Part # TIP127
Description  Plastic Medium-Power Complementary Silicon Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP127 Datasheet(HTML) 3 Page - ON Semiconductor

  TIP127 Datasheet HTML 1Page - ON Semiconductor TIP127 Datasheet HTML 2Page - ON Semiconductor TIP127 Datasheet HTML 3Page - ON Semiconductor TIP127 Datasheet HTML 4Page - ON Semiconductor TIP127 Datasheet HTML 5Page - ON Semiconductor TIP127 Datasheet HTML 6Page - ON Semiconductor TIP127 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TIP120, TIP121, TIP122 (NPN); TIP125, TIP126, TIP127 (PNP)
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
(IC = 100 mAdc, IB = 0)
TIP120, TIP125
TIP121, TIP126
TIP122, TIP127
VCEO(sus)
60
80
100
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
TIP120, TIP125
(VCE = 40 Vdc, IB = 0)
TIP121, TIP126
(VCE = 50 Vdc, IB = 0)
TIP122, TIP127
ICEO
0.5
0.5
0.5
mAdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
TIP120, TIP125
(VCB = 80 Vdc, IE = 0)
TIP121, TIP126
(VCB = 100 Vdc, IE = 0)
TIP122, TIP127
ICBO
0.2
0.2
0.2
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
2.0
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 0.5 Adc, VCE = 3.0 Vdc)
(IC = 3.0 Adc, VCE = 3.0 Vdc)
hFE
1000
1000
Collector−Emitter Saturation Voltage
(IC = 3.0 Adc, IB = 12 mAdc)
(IC = 5.0 Adc, IB = 20 mAdc)
VCE(sat)
2.0
4.0
Vdc
Base−Emitter On Voltage
(IC = 3.0 Adc, VCE = 3.0 Vdc)
VBE(on)
2.5
Vdc
DYNAMIC CHARACTERISTICS
Small−Signal Current Gain
(IC = 3.0 Adc, VCE = 4.0 Vdc, f = 1.0 MHz)
hfe
4.0
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz
TIP125, TIP126, TIP127
TIP120, TIP121, TIP122
Cob
300
200
pF
2. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%
80
0
0
20
40
60
80
100
120
160
Figure 1. Power Derating
T, TEMPERATURE (
°C)
40
20
60
140
TC
4.0
0
2.0
1.0
3.0
TA
TA
TC


Similar Part No. - TIP127

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP127 MOSPEC-TIP127 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Savantic, Inc.
TIP127 SAVANTIC-TIP127 Datasheet
134Kb / 4P
   Silicon PNP Darlington Power Transistors
logo
Shenzhen Tuofeng Semico...
TIP127 TUOFENG-TIP127 Datasheet
4Mb / 2P
   PNP Darlington Transistors
logo
TRANSYS Electronics Lim...
TIP127 TEL-TIP127 Datasheet
80Kb / 3P
   PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP127 ONSEMI-TIP127 Datasheet
114Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2007 - Rev. 7
More results

Similar Description - TIP127

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
BDX53B ONSEMI-BDX53B_06 Datasheet
87Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
February, 2006 ??Rev. 12
logo
New Jersey Semi-Conduct...
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com