Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494CDR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # TL494CDR2
Description  SWITCHMODE TM Pulse Width Modulation Control Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494CDR2 Datasheet(HTML) 5 Page - ON Semiconductor

  TL494CDR2 Datasheet HTML 1Page - ON Semiconductor TL494CDR2 Datasheet HTML 2Page - ON Semiconductor TL494CDR2 Datasheet HTML 3Page - ON Semiconductor TL494CDR2 Datasheet HTML 4Page - ON Semiconductor TL494CDR2 Datasheet HTML 5Page - ON Semiconductor TL494CDR2 Datasheet HTML 6Page - ON Semiconductor TL494CDR2 Datasheet HTML 7Page - ON Semiconductor TL494CDR2 Datasheet HTML 8Page - ON Semiconductor TL494CDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TL494, NCV494
http://onsemi.com
5
Figure 1. Representative Block Diagram
Figure 2. Timing Diagram
6
RT
CT
5
4
Deadtime
Control
Oscillator
0.12V
0.7V
0.7mA
+
1
+
+
+
2
D
Q
Ck
+
+
3.5V
4.9V
13
Reference
Regulator
Q1
Q2
8
9
11
10
12
VCC
VCC
12
3
15
16
14
7
Error Amp
1
Feedback PWM
Comparator Input
Ref.
Output
Gnd
UV
Lockout
Flip−
Flop
Output Control
Error Amp
2
Deadtime
Comparator
PWM
Comparator
Q
Capacitor CT
Feedback/PWM Comp.
Deadtime Control
Flip−Flop
Clock Input
Flip−Flop
Q
Flip−Flop
Q
Output Q1
Emitter
Output Q2
Emitter
Output
Control
This device contains 46 active transistors.


Similar Part No. - TL494CDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL494CDR2 ONSEMI-TL494CDR2 Datasheet
143Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
TL494CDR2 ONSEMI-TL494CDR2 Datasheet
149Kb / 14P
   Modulation Control Circuit
June, 2005 ??Rev. 6
TL494CDR2 ONSEMI-TL494CDR2 Datasheet
302Kb / 14P
   Switch mode Pulse Width Modulation Control Circuit
August, 2021 - Rev. 7
TL494CDR2G ONSEMI-TL494CDR2G Datasheet
149Kb / 14P
   Modulation Control Circuit
June, 2005 ??Rev. 6
TL494CDR2G ONSEMI-TL494CDR2G Datasheet
302Kb / 14P
   Switch mode Pulse Width Modulation Control Circuit
August, 2021 - Rev. 7
More results

Similar Description - TL494CDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
List of Unclassifed Man...
PJ494 ETC-PJ494 Datasheet
688Kb / 11P
   Switchmode Pulse Width Modulation Control Circuit
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
   Switchmode Pulse - Width - Modulation Control Circuit
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
   Switchmode Pulse Width Modulation Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com