Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UAA2016P Datasheet(PDF) 1 Page - ON Semiconductor

Part # UAA2016P
Description  Zero Voltage Switch Power Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UAA2016P Datasheet(HTML) 1 Page - ON Semiconductor

  UAA2016P Datasheet HTML 1Page - ON Semiconductor UAA2016P Datasheet HTML 2Page - ON Semiconductor UAA2016P Datasheet HTML 3Page - ON Semiconductor UAA2016P Datasheet HTML 4Page - ON Semiconductor UAA2016P Datasheet HTML 5Page - ON Semiconductor UAA2016P Datasheet HTML 6Page - ON Semiconductor UAA2016P Datasheet HTML 7Page - ON Semiconductor UAA2016P Datasheet HTML 8Page - ON Semiconductor UAA2016P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 9
1
Publication Order Number:
UAA2016/D
UAA2016
Zero Voltage Switch
Power Controller
The UAA2016 is designed to drive triacs with the Zero Voltage
technique which allows RFI−free power regulation of resistive loads.
Operating directly on the AC power line, its main application is the
precision regulation of electrical heating systems such as panel heaters
or irons.
A built−in digital sawtooth waveform permits proportional
temperature regulation action over a
±1°C band around the set point.
For energy savings there is a programmable temperature reduction
function, and for security a sensor failsafe inhibits output pulses when
the sensor connection is broken. Preset temperature (i.e. defrost)
application is also possible. In applications where high hysteresis is
needed, its value can be adjusted up to 5
°C around the set point. All
these features are implemented with a very low external component
count.
Features
Zero Voltage Switch for Triacs, up to 2.0 kW (MAC212A8)
Direct AC Line Operation
Proportional Regulation of Temperature over a 1°C Band
Programmable Temperature Reduction
Preset Temperature (i.e. Defrost)
Sensor Failsafe
Adjustable Hysteresis
Low External Component Count
Pb−Free Packages are Available
Figure 1. Representative Block Diagram
Sense Input
Sampling
Full Wave
Logic
+
1/2
Failsafe
Hysteresis
Adjust
4
3
4−Bit DAC
Temperature
Reduction
Voltage
Reference
Internal
Reference
+
1
+
VEE
5
Pulse
Amplifier
Supply
Voltage
+
Output
6
7
2
11−Bit Counter
(Sawtooth
Generator)
+VCC
Sync
UAA2016
8
Synchronization
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
1
8
PDIP−8
P SUFFIX
CASE 626
1
8
SOIC−8
D SUFFIX
CASE 751
http://onsemi.com
ZERO VOLTAGE SWITCH
POWER CONTROLLER
3
Vref 1
PIN CONNECTIONS
4
8
7
6
5
2
Hys. Adj.
Sensor
Temp. Reduc.
Sync
VCC
Output
VEE
(Top View)
MARKING
DIAGRAMS
UAA2016P
AWL
YYWWG
x
= A or D
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G,
G
= Pb−Free Package
(Note: Microdot may be in either location)
2016x
ALYW
G
1
8


Similar Part No. - UAA2016P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UAA2016P ONSEMI-UAA2016P Datasheet
129Kb / 8P
   ZERO VOLTAGE SWITCH POWER CONTROLLER
REV 6
More results

Similar Description - UAA2016P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UAA2016 MOTOROLA-UAA2016 Datasheet
135Kb / 8P
   ZERO VOLTAGE SWITCH POWER CONTROLLER
logo
ON Semiconductor
UAA2016 ONSEMI-UAA2016 Datasheet
129Kb / 8P
   ZERO VOLTAGE SWITCH POWER CONTROLLER
REV 6
logo
Motorola, Inc
UAA1016B MOTOROLA-UAA1016B Datasheet
339Kb / 6P
   ZERO VOLTAGE CONTROLLER
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
   ZERO VOLTAGE SWITCH
logo
Motorola, Inc
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
   ZERO VOLTAGE SWITCH
logo
List of Unclassifed Man...
SL443A ETC-SL443A Datasheet
164Kb / 4P
   ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
August, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com