Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494CNG Datasheet(PDF) 7 Page - ON Semiconductor

Part # TL494CNG
Description  SWITCHMODE TM Pulse Width Modulation Control Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494CNG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button TL494CNG Datasheet HTML 3Page - ON Semiconductor TL494CNG Datasheet HTML 4Page - ON Semiconductor TL494CNG Datasheet HTML 5Page - ON Semiconductor TL494CNG Datasheet HTML 6Page - ON Semiconductor TL494CNG Datasheet HTML 7Page - ON Semiconductor TL494CNG Datasheet HTML 8Page - ON Semiconductor TL494CNG Datasheet HTML 9Page - ON Semiconductor TL494CNG Datasheet HTML 10Page - ON Semiconductor TL494CNG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TL494, NCV494
http://onsemi.com
7
Figure 4. Open Loop Voltage Gain and
Phase versus Frequency
Figure 5. Percent Deadtime versus
Oscillator Frequency
Figure 6. Percent Duty Cycle versus
Deadtime Control Voltage
1.0
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
AVOL
0
20
40
60
80
100
120
140
160
180
φ
VCC = 15 V
DVO = 3.0 V
RL = 2.0 kW
Figure 7. Emitter−Follower Configuration
Output Saturation Voltage versus
Emitter Current
500 k 1.0 k
10 k
100 k
500 k
fosc, OSCILLATOR FREQUENCY (Hz)
CT = 0.001 mF
0.001
mF
0
1.0
2.0
3.0
3.5
VDT, DEADTIME CONTROL VOLTAGE (IV)
VCC = 15 V
VOC = Vref
1.CT = 0.01 mF
2. RT = 10 kW
2.CT = 0.001 mF
2. RT = 30 kW
2
1
Figure 8. Common−Emitter Configuration
Output Saturation Voltage versus
Collector Current
0
100
200
300
400
IE, EMITTER CURRENT (mA)
0
100
200
300
400
IC, COLLECTOR CURRENT (mA)
Figure 9. Standby Supply Current
versus Supply Voltage
0
5.0
10
15
20
25
30
35
40
VCC, SUPPLY VOLTAGE (V)
120
110
100
90
80
70
60
50
40
30
20
10
0
20
18
16
14
12
10
8.0
6.0
4.0
2.0
0
50
40
30
20
10
0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0


Similar Part No. - TL494CNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL494CNG ONSEMI-TL494CNG Datasheet
149Kb / 14P
   Modulation Control Circuit
June, 2005 ??Rev. 6
TL494CNG ONSEMI-TL494CNG Datasheet
302Kb / 14P
   Switch mode Pulse Width Modulation Control Circuit
August, 2021 - Rev. 7
More results

Similar Description - TL494CNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
List of Unclassifed Man...
PJ494 ETC-PJ494 Datasheet
688Kb / 11P
   Switchmode Pulse Width Modulation Control Circuit
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
   Switchmode Pulse - Width - Modulation Control Circuit
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
   Switchmode Pulse Width Modulation Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com