Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3842ADR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # UC3842ADR2
Description  High Performance Current Mode Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3842ADR2 Datasheet(HTML) 1 Page - ON Semiconductor

  UC3842ADR2 Datasheet HTML 1Page - ON Semiconductor UC3842ADR2 Datasheet HTML 2Page - ON Semiconductor UC3842ADR2 Datasheet HTML 3Page - ON Semiconductor UC3842ADR2 Datasheet HTML 4Page - ON Semiconductor UC3842ADR2 Datasheet HTML 5Page - ON Semiconductor UC3842ADR2 Datasheet HTML 6Page - ON Semiconductor UC3842ADR2 Datasheet HTML 7Page - ON Semiconductor UC3842ADR2 Datasheet HTML 8Page - ON Semiconductor UC3842ADR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2005
November, 2005 − Rev. 8
1
Publication Order Number:
UC3842A/D
UC3842A, UC3843A,
UC2842A, UC2843A
High Performance
Current Mode Controllers
The UC3842A, UC3843A series of high performance fixed
frequency current mode controllers are specifically designed for
off−line and DC−to−DC converter applications offering the designer a
cost effective solution with minimal external components. These
integrated circuits feature a trimmed oscillator for precise duty cycle
control, a temperature compensated reference, high gain error
amplifier, current sensing comparator, and a high current totem pole
output ideally suited for driving a power MOSFET.
Also included are protective features consisting of input and
reference undervoltage lockouts each with hysteresis, cycle−by−cycle
current limiting, programmable output deadtime, and a latch for single
pulse metering.
These devices are available in an 8−pin dual−in−line plastic package
as well as the 14−pin plastic surface mount (SOIC−14). The SOIC−14
package has separate power and ground pins for the totem pole output
stage.
The UCX842A has UYLO thresholds of 16 V (on) and 10 V (off),
ideally suited for off−line converters. The UCX843A is tailored for
lower voltage applications having UVLO thresholds of 8.5 V (on) and
7.6 V (off).
Features
Trimmed Oscillator Discharge Current for Precise Duty Cycle
Control
Current Mode Operation to 500 kHz
Automatic Feed Forward Compensation
Latching PWM for Cycle−By−Cycle Current Limiting
Internally Trimmed Reference with Undervoltage Lockout
High Current Totem Pole Output
Undervoltage Lockout with Hysteresis
Low Startup and Operating Current
Direct Interface with ON Semiconductor SENSEFET™ Products
Pb−Free Packages are Available
14
SOIC−14
D SUFFIX
CASE 751A
1
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 16 of this data sheet.
DEVICE MARKING INFORMATION
1
8
PDIP−8
N SUFFIX
CASE 626
PIN CONNECTIONS
(Top View)
Vref
(Top View)
Compensation
Voltage Feedback
Current Sense
RT/CT
Vref
VCC
Output
GND
1
2
3
45
6
7
8
Compensation
NC
Voltage Feedback
NC
Current Sense
NC
RT/CT
NC
VCC
VC
Output
GND
Power Ground
1
2
3
4
5
6
7
9
8
10
11
12
13
14
1
8
SOIC−8
D1 SUFFIX
CASE 751
http://onsemi.com


Similar Part No. - UC3842ADR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842AD MOTOROLA-UC3842AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842AD ONSEMI-UC3842AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Texas Instruments
UC3842AD TI-UC3842AD Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
logo
Fairchild Semiconductor
UC3842AD FAIRCHILD-UC3842AD Datasheet
42Kb / 8P
   SMPS Controller
logo
Microsemi Corporation
UC3842AD MICROSEMI-UC3842AD Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3842ADR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com