Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2844DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # UC2844DR2G
Description  High Performance Current Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC2844DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  UC2844DR2G Datasheet HTML 1Page - ON Semiconductor UC2844DR2G Datasheet HTML 2Page - ON Semiconductor UC2844DR2G Datasheet HTML 3Page - ON Semiconductor UC2844DR2G Datasheet HTML 4Page - ON Semiconductor UC2844DR2G Datasheet HTML 5Page - ON Semiconductor UC2844DR2G Datasheet HTML 6Page - ON Semiconductor UC2844DR2G Datasheet HTML 7Page - ON Semiconductor UC2844DR2G Datasheet HTML 8Page - ON Semiconductor UC2844DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 7
1
Publication Order Number:
UC3844/D
UC3844, UC3845, UC2844,
UC2845
High Performance
Current Mode Controllers
The UC3844, UC3845 series are high performance fixed frequency
current mode controllers. They are specifically designed for Off−Line
and DC−to−DC converter applications offering the designer a cost
effective solution with minimal external components. These integrated
circuits feature an oscillator, a temperature compensated reference, high
gain error amplifier, current sensing comparator, and a high current
totem pole output ideally suited for driving a power MOSFET.
Also included are protective features consisting of input and
reference undervoltage lockouts each with hysteresis, cycle−by−cycle
current limiting, a latch for single pulse metering, and a flip−flop which
blanks the output off every other oscillator cycle, allowing output dead
times to be programmed for 50% to 70%.
These devices are available in an 8−pin dual−in−line plastic package
as well as the 14−pin plastic surface mount (SOIC−14). The SOIC−14
package has separate power and ground pins for the totem pole output
stage.
The UCX844 has UVLO thresholds of 16 V (on) and 10 V (off),
ideally suited for off−line converters. The UCX845 is tailored for
lower voltage applications having UVLO thresholds of 8.5 V (on) and
7.6 V (off).
Features
Current Mode Operation to 500 kHz Output Switching Frequency
Output Deadtime Adjustable from 50% to 70%
Automatic Feed Forward Compensation
Latching PWM for Cycle−By−Cycle Current Limiting
Internally Trimmed Reference with Undervoltage Lockout
High Current Totem Pole Output
Input Undervoltage Lockout with Hysteresis
Low Startup and Operating Current
Direct Interface with ON Semiconductor SENSEFETt Products
Pb−Free Packages are Available
Figure 1. Simplified Block Diagram
5.0V
Reference
Flip
Flop
&
Latching
PWM
VCC
Undervoltage
Lockout
Oscillator
Error
Amplifier
7(12)
VC
7(11)
Output
6(10)
PWR GND
5(8)
3(5)
Current
Sense
Vref
8(14)
4(7)
2(3)
1(1)
GND
5(9)
RTCT
Voltage
Feedback
R
R
+
Vref
Undervoltage
Lockout
Output
Comp.
Pin numbers in parenthesis are for the D suffix SOIC−14 package.
VCC
14
SOIC−14
D SUFFIX
CASE 751A
1
1
8
PDIP−8
N SUFFIX
CASE 626
PIN CONNECTIONS
(Top View)
Vref
(Top View)
Compensation
Voltage Feedback
Current Sense
RT/CT
Vref
VCC
Output
GND
1
2
3
45
6
7
8
Compensation
NC
Voltage Feedback
NC
Current Sense
NC
RT/CT
NC
VCC
VC
Output
GND
Power Ground
1
2
3
4
5
6
7
9
8
10
11
12
13
14
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page page 14 of this data sheet.
DEVICE MARKING INFORMATION
1
8
SOIC−8
D1 SUFFIX
CASE 751A
http://onsemi.com


Similar Part No. - UC2844DR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC2844D MOTOROLA-UC2844D Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Texas Instruments
UC2844D TI1-UC2844D Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
logo
ON Semiconductor
UC2844D ONSEMI-UC2844D Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
STMicroelectronics
UC2844D STMICROELECTRONICS-UC2844D Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC2844D TI-UC2844D Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
More results

Similar Description - UC2844DR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com