Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10E142JYTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10E142JYTR
Description  9-BIT SHIFT REGISTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E142JYTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10E142JYTR Datasheet HTML 1Page - Micrel Semiconductor SY10E142JYTR Datasheet HTML 2Page - Micrel Semiconductor SY10E142JYTR Datasheet HTML 3Page - Micrel Semiconductor SY10E142JYTR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SY10E142
SY100E142
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
s 700MHz min. shift frequency
s Extended 100E VEE range of –4.2V to –5.5V
s 9 bits wide for byte-parity applications
s Asynchronous Master Reset
s Dual clocks
s Fully compatible with industry standard 10KH,
100K ECL levels
s Internal 75K
input pulldown resistors
s Fully compatible with Motorola MC10E/100E142
s Available in 28-pin PLCC package
FEATURES
9-BIT SHIFT
REGISTER
The SY10/100E142 are high-speed 9-bit shift registers
designed for use in new, high-performance ECL systems.
The E142 can accept serial or parallel data to be shifted out
in one direction as both serial and parallel outputs. The
nine inputs, D0-D8, accept parallel input data, while S-IN
accepts serial input data.
The SEL (Select) control pin serves to determine the
mode of operation, either SHIFT or LOAD. The shift direction
is from bit 0 to bit 8. The input data has to meet the set-up
time before being clocked into the nine input registers on
the rising edge of CLK1 or CLK2. Shifting is also performed
on the rising edge of either CLK1 or CLK2. The MR (Master
Reset) control signal asynchronously resets all nine
registers to a logic LOW when a logic HIGH is applied to
MR.
The E142 is designed for applications such as diagnostic
scan registers, parallel-to-serial conversions and is also
suitable for byte-wide parity.
DESCRIPTION
SY10E142
SY100E142
Rev.: E
Amendment: /0
Issue Date: March 2006
PIN NAMES
Pin
Function
D0-D8
Parallel Data Inputs
S-IN
Serial Data Input
SEL
Mode Select Input
CLK1, CLK2
Clock Inputs
MR
Master Reset
Q0-Q8
Data Outputs
VCCO
VCC to Output
BLOCK DIAGRAM
1
DQ
0
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
S-IN
SEL
MR
CLK1
CLK2
DQ
DQ
DQ
DQ
DQ
DQ
DQ
DQ
D1
D2
D3
D4
D5
D6
D7
D8
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
D0


Similar Part No. - SY10E142JYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E142JC MICREL-SY10E142JC Datasheet
71Kb / 4P
   9-BIT SHIFT REGISTER
SY10E142JCTR MICREL-SY10E142JCTR Datasheet
71Kb / 4P
   9-BIT SHIFT REGISTER
More results

Similar Description - SY10E142JYTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E142 ONSEMI-MC10E142 Datasheet
109Kb / 4P
   9-BIT SHIFT REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142 Datasheet
71Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10EP142 ONSEMI-MC10EP142_15 Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10E142 AZM-AZ10E142 Datasheet
74Kb / 5P
   ECL/PECL 9-bit Shift Register
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
   8-BIT SHIFT REGISTER
1996 REV 3
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
   8-BIT SHIFT REGISTER
logo
Mitsubishi Electric Sem...
M74LS96P MITSUBISHI-M74LS96P Datasheet
254Kb / 5P
   5-Bit Shift Register
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
   8-bit Shift Register
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com