Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100E143JZ Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100E143JZ
Description  9-BIT HOLD REGISTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E143JZ Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100E143JZ Datasheet HTML 1Page - Micrel Semiconductor SY100E143JZ Datasheet HTML 2Page - Micrel Semiconductor SY100E143JZ Datasheet HTML 3Page - Micrel Semiconductor SY100E143JZ Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E143
SY100E143
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
TRUTH TABLE
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
SEL
MODE
L
LOAD
H
HOLD
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max.
Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
150
150
150
µA—
IEE
Power Supply Current
mA
10E
120
145
120
145
120
145
100E
120
145
120
145
138
165
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
fMAX
Max. Toggle Frequency
700
900
700
900
700
900
MHz
tPD
Propagation Delay to Output
ps
CLK
600
800
1000
600
800
1000
600
800
1000
MR
600
800
1000
600
800
1000
600
800
1000
tS
Set-up Time
ps
D
50
–100
50
–100
50
–100
SEL
300
150
300
150
300
150
tH
Hold Time
ps
D
300
100
300
100
300
100
SEL
75
–150
75
–150
75
–150
tRR
Reset Recovery Time
900
700
900
700
900
700
ps
tPW
Minimum Pulse Width
400
400
400
ps
CLK, MR
tskew
Within-Device Skew
75
75
75
ps
1
tr
Rise/Fall Time
300
525
800
300
525
800
300
525
800
ps
tf
20% to 80%
Note:
1. Within-device skew is defined as identical transitions on similar paths through a device.


Similar Part No. - SY100E143JZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E143JC MICREL-SY100E143JC Datasheet
72Kb / 4P
   9-BIT HOLD REGISTER
SY100E143JCTR MICREL-SY100E143JCTR Datasheet
72Kb / 4P
   9-BIT HOLD REGISTER
More results

Similar Description - SY100E143JZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E143 MICREL-SY10E143 Datasheet
72Kb / 4P
   9-BIT HOLD REGISTER
logo
ON Semiconductor
MC10E143 ONSEMI-MC10E143 Datasheet
108Kb / 4P
   9-BIT HOLD REGISTER
1996 REV 2
MC10E143 ONSEMI-MC10E143_06 Datasheet
128Kb / 8P
   5V ECL 9-Bit Hold Register
November, 2006 ??Rev. 7
MC10E143 ONSEMI-MC10E143_16 Datasheet
157Kb / 7P
   5V ECL 9?륛it Hold Register
July, 2016 ??Rev. 8
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142_06 Datasheet
63Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10E142 ONSEMI-MC10E142 Datasheet
109Kb / 4P
   9-BIT SHIFT REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142 Datasheet
71Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10EP142 ONSEMI-MC10EP142_15 Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10E142 AZM-AZ10E142 Datasheet
74Kb / 5P
   ECL/PECL 9-bit Shift Register
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com