Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100E163 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100E163
Description  2-BIT 8:1 MULTIPLEXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E163 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100E163 Datasheet HTML 1Page - Micrel Semiconductor SY100E163 Datasheet HTML 2Page - Micrel Semiconductor SY100E163 Datasheet HTML 3Page - Micrel Semiconductor SY100E163 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SY10E163
SY100E163
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
s 850ps max. propagation delay
s Extended 100E VEE range of –4.2V to –5.5V
s Differential outputs
s Internal 75K
input pulldown resistors
s Fully compatible with industry standard 10KH,
100K ECL levels
s Fully compatible with Motorola MC10E/100E163
s Available in 28-pin PLCC package
FEATURES
2-BIT 8:1
MULTIPLEXER
The SY10/100E163 offer two 8:1 multiplexers designed
for use in new, high-performance ECL systems. The E163
has differential outputs and common select inputs. The
select inputs (SEL0, SEL1, SEL2) determine which one of
the eight data inputs (A0–A7, B0–B7) is propagated to the
output.
DESCRIPTION
Rev.: E
Amendment: /0
Issue Date:
March 2006
SY10E163
SY100E163
Pin
Function
A0–A7
A Data Inputs (D)
B0–B7
B Data Inputs (D)
SEL0, 1, 2
Select Inputs
QA, QB
True Outputs
QA, QB
Inverting Outputs
VCCO
VCC to Output
PIN NAMES
BLOCK DIAGRAM
SEL0
A0
A1
A2
A3
A4
A5
A6
A7
SEL1
SEL2
QA
QA
TO SIDE B


Similar Part No. - SY100E163

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E163JC MICREL-SY100E163JC Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
SY100E163JCTR MICREL-SY100E163JCTR Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
More results

Similar Description - SY100E163

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163 Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163 Datasheet
102Kb / 4P
   2-BIT 8:1 MULTIPLEXER
1996 REV 2
MC10E163 ONSEMI-MC10E163_06 Datasheet
125Kb / 8P
   5V ECL 2-Bit 8:1 Multiplexer
November, 2006 ??Rev. 10
MC10E158 ONSEMI-MC10E158 Datasheet
100Kb / 4P
   5-BIT 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E158 MICREL-SY10E158_06 Datasheet
59Kb / 4P
   5-BIT 2:1 MULTIPLEXER
SY10E158 MICREL-SY10E158 Datasheet
58Kb / 4P
   5-BIT 2:1 MULTIPLEXER
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
   2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
   2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
logo
Integrated Device Techn...
83052I-01 IDT-83052I-01 Datasheet
314Kb / 15P
   2-Bit, 2:1, Single-Ended Multiplexer
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158_06 Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com