Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPM24S0A0S03FA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # IPM24S0A0S03FA
Description  Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM24S0A0S03FA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button IPM24S0A0S03FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM24S0A0S03FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM24S0A0S03FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM24S0A0S03FA Datasheet HTML 9Page - Delta Electronics, Inc. IPM24S0A0S03FA Datasheet HTML 10Page - Delta Electronics, Inc. IPM24S0A0S03FA Datasheet HTML 11Page - Delta Electronics, Inc. IPM24S0A0S03FA Datasheet HTML 12Page - Delta Electronics, Inc. IPM24S0A0S03FA Datasheet HTML 13Page - Delta Electronics, Inc. IPM24S0A0S03FA Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS_IPM24S0A0_06272006
10
FEATURES DESCRIPTIONS (CON.)
Figure 29:
Trim up Circuit configuration for programming
output voltage using an external resistor
Rtrim
Load
Vout
Trim
GND
Figure 30:
Trim down Circuit configuration for programming
output voltage using an external resistor
Figure 31: Circuit configuration for programming output voltage
using external voltage source
Table 1 provides Rtrim values required for some common
output voltages. By using a 0.5% tolerance resistor, set
point tolerance of ±2% can be achieved as specified in the
electrical specification.
Rtrim is the external resistor in KΩ; Vout is the
desired output voltage
Rtrim setting (Ω)
Output
Measurement
R.trim_Up R.trim_Down
0A
Vo
1.2
NC
NC
1.193
Vadj
1.5
12.4K
NC
1.494
Vadj
1.8
6.19K
NC
1.793
Vadj
2.5
2.87K
NC
2.490
The amount of power delivered by the module is the
voltage at the output terminals multiplied by the output
current. When using the trim feature, the output voltage
of the module can be increased, which at the same
output current would increase the power output of the
module. Care should be taken to ensure that the
maximum output power of the module must not exceed
the maximum rated power (Vo.set x Io.max ≤ P max).
Voltage Margining
Output voltage margining can be implemented in the IPM
modules by connecting a resistor, Rmargin-up, from the Trim
pin to the ground pin for margining-up the output voltage
and by connecting a resistor, Rmargin-down, from the Trim pin
to the output pin for margining-down. Figure 32 shows
the circuit configuration for output voltage margining. If
unused, leave the trim pin unconnected.
Vo
On/Off
Vin
GND
Trim
IPM
Q2
Q1
Rmargin-up
Rmargin-down
Rtrim
Figure 32: Circuit configuration for output voltage margining


Similar Part No. - IPM24S0A0S03FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0S03FA DELTA-IPM24S0A0S03FA Datasheet
766Kb / 14P
   Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output
IPM24S0A0S03FA DELTA-IPM24S0A0S03FA Datasheet
710Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output
More results

Similar Description - IPM24S0A0S03FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0S DELTA-IPM24S0A0S Datasheet
595Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated Integrated Point-of-Load Power Modules
IPM24S0B0R03FA DELTA-IPM24S0B0R03FA Datasheet
766Kb / 14P
   Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output
IPM24S0C0R03FA DELTA-IPM24S0C0R03FA Datasheet
710Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output
IPM12S0A0R08FA DELTA-IPM12S0A0R08FA Datasheet
656Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.8~5V and 8A Output Current
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA Datasheet
765Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.9~5V and 4A Output Current
IPM12C0A0R04FA DELTA-IPM12C0A0R04FA_14 Datasheet
666Kb / 16P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules
IPM24S0C0SR03FA DELTA-IPM24S0C0SR03FA Datasheet
488Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated,Integrated Point-of-Load Power Modules
IPM04S0A0R10FA DELTA-IPM04S0A0R10FA Datasheet
644Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 10A Output Current
IPM04C0A0R06FA DELTA-IPM04C0A0R06FA Datasheet
704Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 6A Output Current
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com