Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100E195JY Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY100E195JY
Description  PROGRAMMABLE DELAY CHIP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E195JY Datasheet(HTML) 8 Page - Micrel Semiconductor

  SY100E195JY Datasheet HTML 1Page - Micrel Semiconductor SY100E195JY Datasheet HTML 2Page - Micrel Semiconductor SY100E195JY Datasheet HTML 3Page - Micrel Semiconductor SY100E195JY Datasheet HTML 4Page - Micrel Semiconductor SY100E195JY Datasheet HTML 5Page - Micrel Semiconductor SY100E195JY Datasheet HTML 6Page - Micrel Semiconductor SY100E195JY Datasheet HTML 7Page - Micrel Semiconductor SY100E195JY Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Precison Edge®
SY10E195
SY100E195
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
28-PIN PLCC (J28-1)
Rev. 03
MICREL, INC.
2180 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2006 Micrel, Incorporated.


Similar Part No. - SY100E195JY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E195JC MICREL-SY100E195JC Datasheet
75Kb / 8P
   PROGRAMMABLE DELAY CHIP
SY100E195JCTR MICREL-SY100E195JCTR Datasheet
75Kb / 8P
   PROGRAMMABLE DELAY CHIP
More results

Similar Description - SY100E195JY

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E195 ONSEMI-MC10E195 Datasheet
88Kb / 5P
   PROGRAMMABLE DELAY CHIP
REV 3
logo
Micrel Semiconductor
SY10E195 MICREL-SY10E195 Datasheet
75Kb / 8P
   PROGRAMMABLE DELAY CHIP
logo
ON Semiconductor
MC10E196 ONSEMI-MC10E196 Datasheet
148Kb / 7P
   PROGRAMMABLE DELAY CHIP
1996 REV 2
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com