Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100E196JYTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100E196JYTR
Description  PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E196JYTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100E196JYTR Datasheet HTML 1Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 2Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 3Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 4Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 5Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 6Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 7Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 8Page - Micrel Semiconductor SY100E196JYTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Precision Edge®
SY10E196
SY100E196
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
FEATURES
PROGRAMMABLE DELAY
CHIP WITH ANALOG INPUT
Precision Edge®
SY10E196
SY100E196
s Up to 2ns delay range
s Extended 100E VEE range of –4.2V to –5.5V
s
20ps digital step resolution
s Linear input for tighter resolution
s >1GHz bandwidth
s On-chip cascade circuitry
s 75Kk
input pulldown resistor
s Fully compatible with Motorola MC10E/100E196
s Available in 28-pin PLCC package
The SY10/100E196 are programmable delay chips
(PDCs) designed primarily for very accurate differential
ECL input edge placement applications.
The delay section consists of a chain of gates and a
linear ramp delay adjustment organized as shown in the
logic diagram. The first two delay elements feature gates
that have been modified to have delays 1.25 and 1.5
times the basic gate delay of approximately 80ps. These
two elements provide the E196 with a digitally-selectable
resolution of approximately 20ps. The required device
delay is selected by the seven address inputs D[0:6],
which are latched on-chip by a high signal on the latch
enable (LEN) control. If the LEN signal is either LOW or
left floating, then the latch is transparent.
The FTUNE input takes an analog coltage and applies
it to an internal linear ramp for reducing the 20s resolution
still further. The FTUNE input is what differentiates the
E196 from the E195.
An eighth latched input, D7, is provided for cascading
multiple PDCs for increased programmable range. The
cascade logic allows full control of multiple PDCs, at the
expense of only a single added line to the data bus for
each additional PDC, without the need for any external
gating.
Pin
Function
IN/IN
Signal Input
EN
Input Enable
D[0:7]
Mux Select Inputs
Q/Q
Signal Output
LEN
Latch Enable
SET MIN
Minimum Delay Set
SET MAX
Maximum Delay Set
CASCADE
Cascade Signal
FTUNE
Linear Voltage Input
VCCO
VCC to Output
PIN NAMES
Rev.: H
Amendment: /0
Issue Date:
March 2006


Similar Part No. - SY100E196JYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E196JC MICREL-SY100E196JC Datasheet
79Kb / 9P
   PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
SY100E196JCTR MICREL-SY100E196JCTR Datasheet
79Kb / 9P
   PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
More results

Similar Description - SY100E196JYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E196 MICREL-SY10E196 Datasheet
79Kb / 9P
   PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
logo
ON Semiconductor
MC10E195 ONSEMI-MC10E195 Datasheet
88Kb / 5P
   PROGRAMMABLE DELAY CHIP
REV 3
logo
Micrel Semiconductor
SY10E195 MICREL-SY10E195 Datasheet
75Kb / 8P
   PROGRAMMABLE DELAY CHIP
SY10E195 MICREL-SY10E195_06 Datasheet
77Kb / 8P
   PROGRAMMABLE DELAY CHIP
logo
ON Semiconductor
MC10E196 ONSEMI-MC10E196 Datasheet
148Kb / 7P
   PROGRAMMABLE DELAY CHIP
1996 REV 2
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196 ONSEMI-MC100EP196_14 Datasheet
151Kb / 19P
   3.3V ECL Programmable Delay Chip with FTUNE
June, 2014 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com