Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10E256JC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E256JC
Description  3-BIT 4:1 MUX-LATCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E256JC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E256JC Datasheet HTML 1Page - Micrel Semiconductor SY10E256JC Datasheet HTML 2Page - Micrel Semiconductor SY10E256JC Datasheet HTML 3Page - Micrel Semiconductor SY10E256JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E256
SY100E256
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10E256JC
J28-1
Commercial
SY10E256JC
Sn-Pb
SY10E256JCTR(2)
J28-1
Commercial
SY10E256JC
Sn-Pb
SY100E256JC
J28-1
Commercial
SY100E256JC
Sn-Pb
SY100E256JCTR(2)
J28-1
Commercial
SY100E256JC
Sn-Pb
SY10E256JZ(3)
J28-1
Commercial
SY10E256JZ with
Matte-Sn
Pb-Free bar-line indicator
SY10E256JZTR(2, 3)
J28-1
Commercial
SY10E256JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100E256JZ(3)
J28-1
Commercial
SY100E256JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100E256JZTR(2, 3)
J28-1
Commercial
SY100E256JZ with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
TOP VIEW
PLCC
J28-1
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21 20 19
5
6
7
8
9
10 11
VEE
D1c
SEL2
MR
LEN
SEL1A
SEL1B
VCC
Q2
Q1
VCCO
Q2
Q1
Q0


Similar Part No. - SY10E256JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E256JC MICREL-SY10E256JC Datasheet
60Kb / 4P
   3-BIT 4:1 MUX-LATCH
SY10E256JCTR MICREL-SY10E256JCTR Datasheet
60Kb / 4P
   3-BIT 4:1 MUX-LATCH
More results

Similar Description - SY10E256JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E256 MICREL-SY10E256 Datasheet
60Kb / 4P
   3-BIT 4:1 MUX-LATCH
SY10E156 MICREL-SY10E156 Datasheet
60Kb / 4P
   3-BIT 4:1 MUX-LATCH
logo
ON Semiconductor
MC10E156 ONSEMI-MC10E156 Datasheet
106Kb / 4P
   3-BIT 4:1 MUX-LATCH
1996 REV 3
MC10E256 ONSEMI-MC10E256 Datasheet
110Kb / 5P
   3-BIT 4:1 MUX-LATCH
1996 REV 2
MC10E156 ONSEMI-MC10E156_06 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E154 ONSEMI-MC10E154 Datasheet
107Kb / 4P
   5-BIT 2:1 MUX-LATCH
1996 REV 2
logo
Micrel Semiconductor
SY10E154 MICREL-SY10E154_06 Datasheet
63Kb / 4P
   5-BIT 2:1 MUX-LATCH
SY10E155 MICREL-SY10E155_06 Datasheet
66Kb / 4P
   6-BIT 2:1 MUX-LATCH
logo
ON Semiconductor
MC10E155 ONSEMI-MC10E155 Datasheet
105Kb / 4P
   6-BIT 2:1 MUX-LATCH
1996 REV 3
logo
Micrel Semiconductor
SY10E154 MICREL-SY10E154 Datasheet
61Kb / 4P
   5-BIT 2:1 MUX-LATCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com