Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L36SA05010NRFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # L36SA05010NRFA
Description  Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

L36SA05010NRFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  L36SA05010NRFA Datasheet HTML 1Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 2Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 3Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 4Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 5Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 6Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 7Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 8Page - Delta Electronics, Inc. L36SA05010NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTRICAL CHARACTERISTICS CURVES
50
60
70
80
90
12
3
4567
8
9
10
OUTPUT CURRENT (A)
24Vin
18Vin
48Vin
75Vin
1
2
3
4
5
6
7
8
12
345
678
9
10
OUTPUT CURRENT (A)
75Vin
18Vin
24Vin
48Vin
DS_L36SA05010_02142007
3
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 3: Typical full load input characteristics at room
temperature
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
16
21
26
31
36
41
46
51
56
61
66
71
INPUT VOLTAGE(V)


Similar Part No. - L36SA05010NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
546Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
651Kb / 13P
   Delphi Series L36SS, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 3.3V/15A out
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
638Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
632Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
550Kb / 13P
   Fixed frequency operation
More results

Similar Description - L36SA05010NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
638Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
L36SA12004NRFA DELTA-L36SA12004NRFA_13 Datasheet
632Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
546Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA3R315NRFA DELTA-L36SA3R315NRFA_13 Datasheet
651Kb / 13P
   Delphi Series L36SS, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 3.3V/15A out
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320NRFH DELTA-E36SR3R320NRFH Datasheet
832Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320 DELTA-E36SR3R320 Datasheet
775Kb / 14P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015 DELTA-E36SR05015 Datasheet
768Kb / 14P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
824Kb / 15P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com