Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3231GV Datasheet(PDF) 10 Page - California Eastern Labs

Part # UPC3231GV
Description  BIPOLAR ANALOG INTE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3231GV Datasheet(HTML) 10 Page - California Eastern Labs

Back Button UPC3231GV Datasheet HTML 6Page - California Eastern Labs UPC3231GV Datasheet HTML 7Page - California Eastern Labs UPC3231GV Datasheet HTML 8Page - California Eastern Labs UPC3231GV Datasheet HTML 9Page - California Eastern Labs UPC3231GV Datasheet HTML 10Page - California Eastern Labs UPC3231GV Datasheet HTML 11Page - California Eastern Labs UPC3231GV Datasheet HTML 12Page - California Eastern Labs UPC3231GV Datasheet HTML 13Page - California Eastern Labs UPC3231GV Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PC3231GV
Data sheet
ILLUSTRATION OF THE TEST CIRCUIT ASSEMBLED ON EVALUATION BOARD
(MEASUREMENT CIRCUIT 1)
1 F
0.1 F
0.1 F
1 F
1k
0.1 F
0.1 F
200
200
Note
PC3231GV
1 F
0.1 F
0.1 F
1 F
1k
0.1 F
0.1 F
200
200
Note
PC3231GV
Note Balun Transformer
Remarks
1. Back side: GND pattern
2. Au plated on pattern
3.
: Through hole


Similar Part No. - UPC3231GV

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3231GV CEL-UPC3231GV Datasheet
803Kb / 16P
   GENERAL PURPOSE 5 V 100MHz AGC AMPLIFIER
logo
Renesas Technology Corp
UPC3231GV RENESAS-UPC3231GV Datasheet
387Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
logo
California Eastern Labs
UPC3231GV-E1 CEL-UPC3231GV-E1 Datasheet
803Kb / 16P
   GENERAL PURPOSE 5 V 100MHz AGC AMPLIFIER
logo
Renesas Technology Corp
UPC3231GV-E1 RENESAS-UPC3231GV-E1 Datasheet
387Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
logo
California Eastern Labs
UPC3231GV-E1-A CEL-UPC3231GV-E1-A Datasheet
803Kb / 16P
   GENERAL PURPOSE 5 V 100MHz AGC AMPLIFIER
More results

Similar Description - UPC3231GV

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8232T5N CEL-UPC8232T5N Datasheet
2Mb / 6P
   B IPOLAR ANALOG INTE GR ATE D CIR CUIT
logo
NEC
UPC832 NEC-UPC832 Datasheet
100Kb / 12P
   Bipolar Analog Integrated Circuit
UPC1230H2 NEC-UPC1230H2 Datasheet
146Kb / 2P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC574 RENESAS-PC574_15 Datasheet
175Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3224TB CEL-UPC3224TB Datasheet
416Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC8231TK CEL-UPC8231TK Datasheet
175Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC3227TB CEL-UPC3227TB Datasheet
309Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPC78L00 RENESAS-UPC78L00 Datasheet
603Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1993
UPC1060 RENESAS-UPC1060 Datasheet
217Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC177GR RENESAS-UPC177GR Datasheet
521Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com