Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT259M96E4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT259M96E4
Description  High-Speed CMOS Logic 8-Bit Addressable Latch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT259M96E4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HCT259M96E4 Datasheet HTML 3Page - Texas Instruments CD74HCT259M96E4 Datasheet HTML 4Page - Texas Instruments CD74HCT259M96E4 Datasheet HTML 5Page - Texas Instruments CD74HCT259M96E4 Datasheet HTML 6Page - Texas Instruments CD74HCT259M96E4 Datasheet HTML 7Page - Texas Instruments CD74HCT259M96E4 Datasheet HTML 8Page - Texas Instruments CD74HCT259M96E4 Datasheet HTML 9Page - Texas Instruments CD74HCT259M96E4 Datasheet HTML 10Page - Texas Instruments CD74HCT259M96E4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Test Circuits and Waveforms
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 1. HC CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 2. HCT CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
FIGURE 3. HC TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 4. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 5. HC SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
FIGURE 6. HCT SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
CLOCK
90%
50%
10%
GND
VCC
trCL
tfCL
50%
50%
tWL
tWH
10%
tWL + tWH =
fCL
I
CLOCK
2.7V
1.3V
0.3V
GND
3V
trCL = 6ns
tfCL = 6ns
1.3V
1.3V
tWL
tWH
0.3V
tWL + tWH =
fCL
I
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
trCL
tfCL
GND
VCC
GND
VCC
50%
90%
10%
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
VCC
50%
50%
90%
10%
50%
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
tH(H)
trCL
tfCL
GND
3V
GND
3V
1.3V
2.7V
0.3V
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
3V
1.3V
1.3V
1.3V
90%
10%
1.3V
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
1.3V
tH(H)
1.3V
CD54HC259, CD74HC259, CD54HCT259, CD74HCT259


Similar Part No. - CD74HCT259M96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT259M96E4 TI-CD74HCT259M96E4 Datasheet
428Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
CD74HCT259M96E4 TI-CD74HCT259M96E4 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
More results

Similar Description - CD74HCT259M96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC259 TI-CD54HC259_07 Datasheet
428Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
DC74HC259 TI-DC74HC259 Datasheet
62Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Addressable Latch
CD54HC259 TI-CD54HC259 Datasheet
271Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HC259 TI-CD54HC259_08 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
CD4099BE TI-CD4099BE Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-Bit Addressable Latch
CD4724BE TI-CD4724BE Datasheet
437Kb / 10P
[Old version datasheet]   CMOS 8-Bit Addressable Latch
logo
Renesas Technology Corp
CD4099BMS RENESAS-CD4099BMS Datasheet
409Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Intersil Corporation
CD4724BMS INTERSIL-CD4724BMS Datasheet
109Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Texas Instruments
CD4099B TI-CD4099B_12 Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
CD4724B TI-CD4724B Datasheet
262Kb / 5P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com