Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCP-155B4JDRH Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # LCP-155B4JDRH
Description  RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-155B4JDRH Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button LCP-155B4JDRH Datasheet HTML 4Page - Delta Electronics, Inc. LCP-155B4JDRH Datasheet HTML 5Page - Delta Electronics, Inc. LCP-155B4JDRH Datasheet HTML 6Page - Delta Electronics, Inc. LCP-155B4JDRH Datasheet HTML 7Page - Delta Electronics, Inc. LCP-155B4JDRH Datasheet HTML 8Page - Delta Electronics, Inc. LCP-155B4JDRH Datasheet HTML 9Page - Delta Electronics, Inc. LCP-155B4JDRH Datasheet HTML 10Page - Delta Electronics, Inc. LCP-155B4JDRH Datasheet HTML 11Page - Delta Electronics, Inc. LCP-155B4JDRH Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DELTA ELECTRONICS, INC.
8
Nov., 2006
Rev. 1E
www.deltaww.com
SFP timing parameters for SFP management
Parameter
Symbol
Min.
Max.
Unit
Note
TX_DISABLE Assert time
t_off
10
μsec
1
TX_DISABLE Negate time
t_on
1
msec
2
Time to initialize, including
reset of TX_FAULT
t_init
300
msec
3
TX Fault Assert Time
t_fault
100
μsec
4
TX_DISABLE to reset
t_rest
10
μsec
5
LOS Assert Time
t_loss_on
100
μsec
6
LOS Deassert Time
t_loss_off
100
μsec
7
Serial ID Clock Rate
f_serial_clock
100
kHz
Notes:
1)
Time from rising edge of TX_DISABLE to when the optical output falls below 10% of nominal
2)
Time from falling edge of TX_DISABLE to when the modulated optical output rises above 90% of
nominal
3)
From power on or negation of TX_Fault using TX Disable
4)
Time from fault to TX fault on.
5)
Time TX Disable must be held high to reset TX_Fault
6) Time from LOS state to Rx LOS assert
7)
Time from non-LOS state to Rx LOS deassert


Similar Part No. - LCP-155B4JDRH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-155B4JDRA DELTA-LCP-155B4JDRA Datasheet
239Kb / 13P
   RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JDRAH DELTA-LCP-155B4JDRAH Datasheet
239Kb / 13P
   RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JDRAT DELTA-LCP-155B4JDRAT Datasheet
239Kb / 13P
   RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
More results

Similar Description - LCP-155B4JDRH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-155D4RDR DELTA-LCP-155D4RDR Datasheet
239Kb / 13P
   RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JDRA DELTA-LCP-155B4JDRA Datasheet
239Kb / 13P
   RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5805 HP-HFCT-5805 Datasheet
219Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com