Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCP-200A4HSR Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # LCP-200A4HSR
Description  RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-200A4HSR Datasheet(HTML) 9 Page - Delta Electronics, Inc.

  LCP-200A4HSR Datasheet HTML 1Page - Delta Electronics, Inc. LCP-200A4HSR Datasheet HTML 2Page - Delta Electronics, Inc. LCP-200A4HSR Datasheet HTML 3Page - Delta Electronics, Inc. LCP-200A4HSR Datasheet HTML 4Page - Delta Electronics, Inc. LCP-200A4HSR Datasheet HTML 5Page - Delta Electronics, Inc. LCP-200A4HSR Datasheet HTML 6Page - Delta Electronics, Inc. LCP-200A4HSR Datasheet HTML 7Page - Delta Electronics, Inc. LCP-200A4HSR Datasheet HTML 8Page - Delta Electronics, Inc. LCP-200A4HSR Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DELTA ELECTRONICS, INC.
9
Aug., 2006
Rev. 0A
www.deltaww.com
Regulatory Compliance
Feature
Reference
Performance
Electromagnetic Interference
(EMI)
FCC Class B
EN 55022 Class B (CISPR 22A)
Radio Frequency
Electromagnetic Field
EN 61000-4-3
IEC 1000-4-3
Electrostatic Discharge to the
Duplex LC Receptacle
EN 61000-4-2
IEC 1000-4-2
IEC 801.2
Electrostatic Discharge to the
Electrical Pins
MIL-STD-883E Method 3015.7
(1) Satisfied with electrical
characteristics of product
spec.
(2) No physical damage
Eye Safety
US FDA CDRH AEL Class 1
EN 60950: 2000
EN 60825-1: 1994+A11+A2
EN 60825-2: 2000
CDRH File # 0321539-00
TUV Certificate No. R50032471
Component Recognition
Underwriters Laboratories and
Canadian Standards Association Joint
Component Recognition for Information
Technology Equipment Including
Electrical Business Equipment
UL File # E239394
Ordering information for SFP modules
LCP-200X1X2X3X4X5X6
X1: Fiber
A
: Multi-mode 1310nm
X4: Digital Diagnostic Function
S
: Without digital diagnostic function
X2: Power Supply Voltage and SD Level
4
: 3.3V, TTL SD Level
X5: Housing Type
R
: RoHS compliant
X3: Distance
H
: 2km
X6: Temperature
Blank
: -5 to +70 degree C
H
: -10 to +85 degree C
T
: -40 to +85 degree C


Similar Part No. - LCP-200A4HSR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-2125A4EDR DELTA-LCP-2125A4EDR Datasheet
246Kb / 14P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function
LCP-2125A4EDRH DELTA-LCP-2125A4EDRH Datasheet
246Kb / 14P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function
LCP-2125A4EDRT DELTA-LCP-2125A4EDRT Datasheet
246Kb / 14P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function
LCP-2125B4QDR DELTA-LCP-2125B4QDR Datasheet
245Kb / 14P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function
LCP-2125B4QDRH DELTA-LCP-2125B4QDRH Datasheet
245Kb / 14P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fiber Channel with Digital Diagnostic Monitoring Function
More results

Similar Description - LCP-200A4HSR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-200A4H1M DELTA-LC-200A4H1M Datasheet
116Kb / 8P
   2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155D4RDR DELTA-LCP-155D4RDR Datasheet
239Kb / 13P
   RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155A4HDR DELTA-LCP-155A4HDR Datasheet
239Kb / 13P
   RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-155B4JDRA DELTA-LCP-155B4JDRA Datasheet
239Kb / 13P
   RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ Datasheet
216Kb / 14P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC Connector
HFBR-57E5APZ AVAGO-HFBR-57E5APZ Datasheet
228Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1
logo
Delta Electronics, Inc.
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
   RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com