Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84J-C56 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BZX84J-C56
Description  Single Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX84J-C56 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BZX84J-C56 Datasheet HTML 4Page - NXP Semiconductors BZX84J-C56 Datasheet HTML 5Page - NXP Semiconductors BZX84J-C56 Datasheet HTML 6Page - NXP Semiconductors BZX84J-C56 Datasheet HTML 7Page - NXP Semiconductors BZX84J-C56 Datasheet HTML 8Page - NXP Semiconductors BZX84J-C56 Datasheet HTML 9Page - NXP Semiconductors BZX84J-C56 Datasheet HTML 10Page - NXP Semiconductors BZX84J-C56 Datasheet HTML 11Page - NXP Semiconductors BZX84J-C56 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BZX84J_SER_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 1 March 2007
8 of 12
NXP Semiconductors
BZX84J series
Single Zener diodes
Tj =25 °C
BZX84J-B/C2V7 to BZX84J-B/C8V2
All curves have a test current IZ = 5 mA.
Tj =25 °C
BZX84J-B/C10 to BZX84J-B/C36
For the curves VZ(nom) = (10, 12, 15, 18, 22) V the
test current IZ = 5 mA.
For the curves VZ(nom) = (27, 33, 36) V the test
current IZ = 2 mA.
Fig 5.
Working current as a function of working
voltage; typical values
Fig 6.
Working current as a function of working
voltage; typical values
VZ (V)
010
8
46
2
006aaa996
20
30
10
40
50
IZ
(mA)
0
VZ(nom) (V) = 2.7
3.3
3.9
4.7
5.6
6.8
8.2
VZ (V)
040
30
10
20
006aaa997
10
20
30
5
15
25
IZ
(mA)
0
VZ(nom) (V) = 10
36
33
27
22
18
12
15


Similar Part No. - BZX84J-C56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84J-C56 NXP-BZX84J-C56 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
BZX84J-C56 NXP-BZX84J-C56 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
BZX84J-C56 NXP-BZX84J-C56 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
BZX84J-C56 NXP-BZX84J-C56 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
BZX84J-C56 NEXPERIA-BZX84J-C56 Datasheet
988Kb / 13P
   Single Zener diodes
Rev. 2 - 1 August 2011
More results

Similar Description - BZX84J-C56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com