Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCP-1250D4RDRH Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # LCP-1250D4RDRH
Description  RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-1250D4RDRH Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  LCP-1250D4RDRH Datasheet HTML 1Page - Delta Electronics, Inc. LCP-1250D4RDRH Datasheet HTML 2Page - Delta Electronics, Inc. LCP-1250D4RDRH Datasheet HTML 3Page - Delta Electronics, Inc. LCP-1250D4RDRH Datasheet HTML 4Page - Delta Electronics, Inc. LCP-1250D4RDRH Datasheet HTML 5Page - Delta Electronics, Inc. LCP-1250D4RDRH Datasheet HTML 6Page - Delta Electronics, Inc. LCP-1250D4RDRH Datasheet HTML 7Page - Delta Electronics, Inc. LCP-1250D4RDRH Datasheet HTML 8Page - Delta Electronics, Inc. LCP-1250D4RDRH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DELTA ELECTRONICS, INC.
1
Aug., 2006
Rev. 6A
www.deltaww.com
RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber
Channel
FEATURES
Compliant with SFP Transceiver SFF-8472
MSA specification with internal calibration
Compliant with Specifications for IEEE
802.3z/Gigabit Ethernet
Single + 3.3V Power Supply and TTL Logic
Interface
EEPROM with Serial ID Functionality
Laser Class 1 Product which comply with the
requirements of IEC 60825-1 and IEC 60825-2
Duplex LC Connector interface
Description
The LCP-1250 series are hot pluggable 3.3V
Small-Form-Factor transceiver modules designed
expressly
for
high-speed
communication
applications that require rates up to 1.25Gb/s.
The transceiver is data rate transparent, which
means it can support GbE (1.25Gb/s) as well as
1x Fiber channel (1.062Gb/s) operations
The LCP-1250 series are designed to be
compliant with SFP Multi-source Agreement
(MSA).
Digital diagnostic monitoring functions
(Temperature, VCC, TX optical power, TX laser
bias current, and RX received optical power)
compliant with SFF-8472 are also available. See
order information for details.
The post-amplifier of the LCP-1250 series
also includes a Loss of Signal (LOS) circuit that
provides a TTL logic-high output when the
received optical level is below a preset LOS
Assert threshold.
Applications
Gigabit Ethernet
Switch to Switch interface
Switched backplane applications
File server interface
Performance
LCP-1250B4Mxx: 1310nm DFB laser, 19dB link
budget (40km)
LCP-1250D4Mxx: 1550nm DFB laser, 17dB link
budget (40km)
LCP-1250D4Wxx: 1550nm DFB laser, 21dB link
budget (70km)
LCP-1250D4Rxx: 1550nm DFB laser, 24dB link
budget (80km)
LCP-1250D4Vxx: 1550nm DFB laser, 30dB link
budget (100km)


Similar Part No. - LCP-1250D4RDRH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250DR DELTA-LCP-1250DR Datasheet
256Kb / 14P
   RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
LCP-1250DRH DELTA-LCP-1250DRH Datasheet
256Kb / 14P
   RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
LCP-1250DRT DELTA-LCP-1250DRT Datasheet
256Kb / 14P
   RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
More results

Similar Description - LCP-1250D4RDRH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250B4QDR DELTA-LCP-1250B4QDR Datasheet
247Kb / 14P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
LCP-1250A4FDR DELTA-LCP-1250A4FDR Datasheet
256Kb / 14P
   RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
logo
Finisar Corporation.
FWLF-1631-17 FINISAR-FWLF-1631-17 Datasheet
106Kb / 12P
   RoHS Compliant DWDM SFP Transceiver
FTLX1471D3BCL_VO1 FINISAR-FTLX1471D3BCL_VO1 Datasheet
658Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1475D3BCV FINISAR-FTLX1475D3BCV Datasheet
496Kb / 13P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
Rev. B1
FTLX1471D3BCL FINISAR-FTLX1471D3BCL Datasheet
619Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1374D3BCL FINISAR-FTLX1374D3BCL Datasheet
767Kb / 11P
   RoHS-6 Compliant 10Gb/s 1km Single Mode Datacom SFP Transceiver
FTLX2072D327 FINISAR-FTLX2072D327 Datasheet
700Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Bidirectional SFP Transceiver
logo
Delta Electronics, Inc.
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
logo
Optoway Technology Inc
SPM-9600MG_2015 OPTOWAY-SPM-9600MG_2015 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com