Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10E416JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10E416JC
Description  QUINT DIFFERENTIAL LINE RECEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E416JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10E416JC Datasheet HTML 1Page - Micrel Semiconductor SY10E416JC Datasheet HTML 2Page - Micrel Semiconductor SY10E416JC Datasheet HTML 3Page - Micrel Semiconductor SY10E416JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SY10E416
SY100E416
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
FEATURES
s Differential D and Q
s Extended 100E VEE range of –4.2V to –5.5V
s VBB output for single-ended use
s 600ps max. propagation delay
s High frequency outputs
s 2 stages of gain
s Internal 75K
input pull-down resistors
s Fully compatible with Motorola 10E/100E416
s Available in 28-pin PLCC package
The SY10/100E416 are 5-bit differential line receiving
devices. The 2.0GHz of bandwidth provided by the high
frequency outputs make the devices ideal for buffering
of very high speed oscillators.
A VBB pin is available to AC couple an input signal to
the devices.
The design incorporates two stages of gain internal to
the devices, making them an excellent choice for use in
high bandwidth amplifier applications.
QUINT DIFFERENTIAL
LINE RECEIVER
SY10E416
SY100E416
BLOCK DIAGRAM
D0
D0
Q0
Q0
D1
D0
Q1
Q1
D2
D2
Q2
Q2
D3
D3
Q3
Q3
D4
D4
Q4
Q4
VBB
Pin
Function
D[0:4], D[0:4]
Differential Data Inputs
Q[0:4], Q[0:4]
Differential Data Outputs
VCCO
VCC to Output
PIN NAMES
Rev.: F
Amendment: /0
Issue Date:
March 2006


Similar Part No. - SY10E416JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E416JC MICREL-SY10E416JC Datasheet
60Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY10E416JCTR MICREL-SY10E416JCTR Datasheet
60Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SY10E416JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S314 MICREL-SY100S314_10 Datasheet
344Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
SY10E416 MICREL-SY10E416 Datasheet
60Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
Semtech Corporation
SK10E116PJ SEMTECH-SK10E116PJ Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116 Datasheet
72Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10E116 ONSEMI-MC10E116 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 3
logo
Micrel Semiconductor
SY10E116 MICREL-SY10E116_06 Datasheet
63Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
ON Semiconductor
MC10E416 ONSEMI-MC10E416 Datasheet
108Kb / 4P
   QUINT DIFFERENTIAL LINE RECEIVER
1996 REV 2
logo
Micrel Semiconductor
SY100S314 MICREL-SY100S314 Datasheet
97Kb / 5P
   QUINT DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
F100114 NSC-F100114 Datasheet
113Kb / 4P
   Quint Differential Line Receiver
logo
Micrel Semiconductor
SY100S314 MICREL-SY100S314_06 Datasheet
87Kb / 6P
   QUINT DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com