Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10E446JZ Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10E446JZ
Description  4-BIT PARALLEL-TO-SERIAL CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E446JZ Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10E446JZ Datasheet HTML 1Page - Micrel Semiconductor SY10E446JZ Datasheet HTML 2Page - Micrel Semiconductor SY10E446JZ Datasheet HTML 3Page - Micrel Semiconductor SY10E446JZ Datasheet HTML 4Page - Micrel Semiconductor SY10E446JZ Datasheet HTML 5Page - Micrel Semiconductor SY10E446JZ Datasheet HTML 6Page - Micrel Semiconductor SY10E446JZ Datasheet HTML 7Page - Micrel Semiconductor SY10E446JZ Datasheet HTML 8Page - Micrel Semiconductor SY10E446JZ Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
SY10E446
SY100E446
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
SIN, SIN
Differential Serial Data Input
D0 – D3
Parallel Data Input
SOUT, SOUT
Differential Serial Data Output
CLK, CLK
Differential Clock Input
CL/4, CL/4
Differential 4 Clock Output
CL/8, CL/8
Differential 8 Clock Output
MODE
Conversion Mode, 4-bit/8-bit
SYNC
Conversion Synchronizing Input
VCCO
VCC to Output
DESCRIPTION
FEATURES
s On-chip clock
÷4 and ÷8
s Extended 100E VEE range of –4.2V to –5.5V
s 1.6Gb/s typical data rate capability
s Differential clock and serial inputs
s VBB output for single-ended use
s Asynchronous data synchronization
s Mode select to expand to 8 bits
s Internal 75K
input pulldown resistors
s Fully compatible with Motorola MC10E/100E446
s Available in 28-pin PLCC package
4-BIT PARALLEL-TO-SERIAL
CONVERTER
The SY10/100E446 are integrated 4-bit parallel-to-
serial data converters. These devices are designed to
operate for NRZ data rates of up to a minimum of 1.3Gb/
s. The chips generate a divide-by-4 and a divide-by-8
clock for both 4-bit conversion and a two-chip 8-bit
conversion function. The conversion sequence was
chosen to convert the parallel data into a serial stream
from bit D0 to D3. A serial input is provided to cascade
two E446 devices for 8-bit conversion applications.
The SYNC input will asynchronously reset the internal
clock circuitry. This pin allows the user to reset the internal
clock conversion unit and, thus, select the start of the
conversion process.
The MODE input is used to select the conversion mode
of the device. With the MODE input LOW (or open) the
device will function as a 4-bit converter. When the mode
input is driven HIGH, the internal load clock will change
on every eighth clock cycle, thus allowing for an 8-bit
conversion scheme using two E446s. When cascaded in
an 8-bit conversion scheme, the devices will not operate
at the 1.3Gb/s data rate of a single device. Refer to the
applications section of this data sheet for more information
on cascading the E446.
For lower data rate applications, a VBB reference
voltage is supplied for single-ended inputs. When
operating at clock rates above 500MHz, differential input
signals are recommended. For single-ended inputs, the
VBB pin is tied to the inverting differential input and
bypassed via a 0.01
µF capacitor. The VBB provides the
switching reference for the input differential amplifier. The
VBB can also be used to AC couple an input signal.
SY10E446
SY100E446
PIN NAMES
Rev.: F
Amendment: /0
Issue Date:
March 2006


Similar Part No. - SY10E446JZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E446JZ MICREL-SY10E446JZ Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
SY10E446JZTR MICREL-SY10E446JZTR Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
More results

Similar Description - SY10E446JZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
SY10E445 MICREL-SY10E445_06 Datasheet
83Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446 Datasheet
125Kb / 6P
   4-BIT PARALLEL/ SERIAL CONVERTER
1996 REV 2
MC10E445 ONSEMI-MC10E445 Datasheet
100Kb / 8P
   4-BIT SERIAL/ PARALLEL CONVERTER
1997 REV 3
logo
New Japan Radio
NJU3754 NJRC-NJU3754 Datasheet
99Kb / 6P
   11-BIT PARALLEL TO SERIAL CONVERTER
logo
Unisonic Technologies
LS3718 UTC-LS3718 Datasheet
90Kb / 8P
   20-BIT SERIAL TO PARALLEL CONVERTER
logo
New Japan Radio
NJU3718 NJRC-NJU3718 Datasheet
229Kb / 7P
   20-BIT SERIAL TO PARALLEL CONVERTER???????
NJU3713 NJRC-NJU3713 Datasheet
196Kb / 6P
   12-BIT SERIAL TO PARALLEL CONVERTER?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com