Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC12S0A0V40NNFA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # NC12S0A0V40NNFA
Description  Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0V40NNFA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button NC12S0A0V40NNFA Datasheet HTML 4Page - Delta Electronics, Inc. NC12S0A0V40NNFA Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0V40NNFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0V40NNFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0V40NNFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0V40NNFA Datasheet HTML 9Page - Delta Electronics, Inc. NC12S0A0V40NNFA Datasheet HTML 10Page - Delta Electronics, Inc. NC12S0A0V40NNFA Datasheet HTML 11Page - Delta Electronics, Inc. NC12S0A0V40NNFA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DS_NC12S40A_02072007
8
S_NC12S40A_02072007
8
FEATURES DESCRIPTIONS (CON.)
FEATURES DESCRIPTIONS (CON.)
Input Under-Voltage Lockout
Input Under-Voltage Lockout
The input under-voltage lockout prevents the converter
from being damaged while operating when the input
voltage is too low. The lockout occurs between 7.7V to
8.6V.
Over-Current and Short-Circuit Protection
Over-Current and Short-Circuit Protection
The NC series modules have non-latching over-current
and short-circuit protection circuitry. When over current
condition occurs, the module goes into the non-latching
hiccup mode. When the over-current condition is
removed, the module will resume normal operation.
An over current condition is detected by measuring the
voltage drop across the high-side MOSFET. The voltage
drop across the MOSFET is also a function of the
MOSFET’s Rds(on). Rds(on) is affected by temperature,
therefore ambient temperature will affect the current limit
inception point.
The unit will not be damaged in an over current condition
because it will be protected by the over temperature
protection.
The unit will not be damaged in an over current condition
because it will be protected by the over temperature
protection.
Remote Sense
Remote Sense
The NC30/NC40 provide Vo remote sensing to achieve
proper regulation at the load points and reduce effects
of distribution losses on output line. In the event of an
open remote sense line, the module shall maintain local
sense regulation through an internal resistor. The
module shall correct for a total of 0.4V of loss. The
remote sense connects as shown in Figures 29.
Over Temperature Protection (OTP)
Over Temperature Protection (OTP)
To provide additional over-temperature protection in a
fault condition, the unit is equipped with a non-latching
thermal shutdown circuit. The shutdown circuit engages
when the temperature of monitored component exceeds
approximately 130℃. The unit will cycle on and off while
the fault condition exists. The unit will recover from
shutdown when the cause of the over temperature
condition is removed.
To provide additional over-temperature protection in a
fault condition, the unit is equipped with a non-latching
thermal shutdown circuit. The shutdown circuit engages
when the temperature of monitored component exceeds
approximately 130℃. The unit will cycle on and off while
the fault condition exists. The unit will recover from
shutdown when the cause of the over temperature
condition is removed.
Over Voltage Protection (OVP)
Over Voltage Protection (OVP)
The converter will shut down when an output over voltage
is detected. Once the OVP condition is detected, the
controller will stop all PWM outputs and will turn on
low-side MOSFET driver to prevent any damage to load.
The converter will shut down when an output over voltage
is detected. Once the OVP condition is detected, the
controller will stop all PWM outputs and will turn on
low-side MOSFET driver to prevent any damage to load.
Current Sharing (optional)
Current Sharing (optional)
The parallel operation of multiple converters is available
with the NC30/NC40 (option code B). The converters will
current share to be within +/- 10% of each other. In
addition to connect the I-Share pin together for the current
sharing operation, the remote sense lines of the
paralleled units must be connected at the same point for
proper operation. Also, units are intended to be turned
on/enabled at the same time. Hot plugging is not
recommended. The current sharing diagram show in
Figure 30.
NC30A/40A
0
I-SHARE
I-SHARE
Vout
+SENSE
GROUND
GROUND
TRIM
NC30A/40A
Cout
0
TRIM
Cout
+SENSE
LOAD
-SENSE
-SENSE
Vout
Figure 30: NC30/NC40 Current Sharing Diagram
Figure 30: NC30/NC40 Current Sharing Diagram
o
-SENSE
GROUND
Contact and Distribution
Losses
VIN
+SENSE
GROUND
Vo
o
Rload
Figure 29: Circuit configuration for remote sense
Figure 29: Circuit configuration for remote sense
The input under-voltage lockout prevents the converter
from being damaged while operating when the input
voltage is too low. The lockout occurs between 7.7V to
8.6V.
The NC series modules have non-latching over-current
and short-circuit protection circuitry. When over current
condition occurs, the module goes into the non-latching
hiccup mode. When the over-current condition is
removed, the module will resume normal operation.
An over current condition is detected by measuring the
voltage drop across the high-side MOSFET. The voltage
drop across the MOSFET is also a function of the
MOSFET’s Rds(on). Rds(on) is affected by temperature,
therefore ambient temperature will affect the current limit
inception point.
The NC30/NC40 provide Vo remote sensing to achieve
proper regulation at the load points and reduce effects
of distribution losses on output line. In the event of an
open remote sense line, the module shall maintain local
sense regulation through an internal resistor. The
module shall correct for a total of 0.4V of loss. The
remote sense connects as shown in Figures 29.
The parallel operation of multiple converters is available
with the NC30/NC40 (option code B). The converters will
current share to be within +/- 10% of each other. In
addition to connect the I-Share pin together for the current
sharing operation, the remote sense lines of the
paralleled units must be connected at the same point for
proper operation. Also, units are intended to be turned
on/enabled at the same time. Hot plugging is not
recommended. The current sharing diagram show in
Figure 30.
NC30A/40A
0
I-SHARE
I-SHARE
Vout
+SENSE
GROUND
GROUND
TRIM
NC30A/40A
Cout
0
TRIM
Cout
+SENSE
LOAD
-SENSE
-SENSE
Vout
o
-SENSE
GROUND
Contact and Distribution
Losses
VIN
+SENSE
GROUND
Vo
o
Rload
D


Similar Part No. - NC12S0A0V40NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0V40NNFA DELTA-NC12S0A0V40NNFA Datasheet
686Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
More results

Similar Description - NC12S0A0V40NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
686Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA Datasheet
627Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0V30PNFA DELTA-NC12S0A0V30PNFA Datasheet
580Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0H30PNFA DELTA-NC12S0A0H30PNFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA_08 Datasheet
551Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0H06PNFA DELTA-NC12S0A0H06PNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0H20PNFA DELTA-NC12S0A0H20PNFA Datasheet
912Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
NC12S0A0H15PNFA DELTA-NC12S0A0H15PNFA Datasheet
880Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA_08 Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V15PNFA DELTA-NC12S0A0V15PNFA Datasheet
781Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com