Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EL07ZC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10EL07ZC
Description  2-INPUT XOR/XNOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL07ZC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10EL07ZC Datasheet HTML 1Page - Micrel Semiconductor SY10EL07ZC Datasheet HTML 2Page - Micrel Semiconductor SY10EL07ZC Datasheet HTML 3Page - Micrel Semiconductor SY10EL07ZC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10EL07
SY100EL07
Micrel, Inc.
M9999-031006
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
tPD
Propagation Delay to
90
250
435
140
250
385
150
260
395
170
280
415
ps
Output D
tr
Output Rise/Fall Times Q
100
225
350
100
225
350
100
225
350
100
225
350
ps
tf
(20% to 80%)
DC ELECTRICAL CHARACTERISTICS
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
mA
10EL
14
17
11
14
17
11
14
17
11
14
17
100EL
14
17
11
14
17
11
14
17
13
16
20
VEE
Power Supply Voltage
V
10EL –4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
100EL –4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
IIH
Input HIGH Current
µA
D0
250
250
250
250
D1
150
150
150
150
VEE = VEE (Min.) to VEE (Max.); VCC = GND
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = GND


Similar Part No. - SY10EL07ZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL07ZC MICREL-SY10EL07ZC Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
SY10EL07ZCTR MICREL-SY10EL07ZCTR Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
More results

Similar Description - SY10EL07ZC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107_06 Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107 Datasheet
70Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com