Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC12S0A0V60PRFA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # NC12S0A0V60PRFA
Description  Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0V60PRFA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button NC12S0A0V60PRFA Datasheet HTML 3Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 4Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 9Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 10Page - Delta Electronics, Inc. NC12S0A0V60PRFA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DS_NC12S60A_02072007
7
FEATURES DESCRIPTIONS
Remote On/Off
The remote ON/OFF input allows external circuitry to put
the NC converter into a sleep mode. Active-high remote
on/off is available as standard.
Active-high units of the NC series are turned on if the
remote ON/OFF pin is high (or floating). Pulling the pin low
will turn off the unit. To guarantee turn-on the enable
voltage must be above 2.4V and to turn off the enable
voltage must be pulled below 0.8V
The remote ON/OFF input can be driven in a variety of
ways as shown in Figures 26, 27, and 28. If the remote
ON/OFF signal originates on the primary side, the remote
ON/OFF input can be driven through a discrete device
(e.g. a bipolar signal transistor) or directly from a logic
gate output. The output of the logic gate may be an
open-collector (or open-drain) device. If the drive signal
originates from the opposite of an isolated side, the
remote ON/OFF input can be isolated and driven through
an opto-coupler.
Figure26: Remote ON/OFF Input Drive Circuit for Non-Isolated
Bipolar
Figure 27
: Remote ON/OFF Input Drive Circuit for Logic Driver
DESIGN CONSIDERATIONS
The NC60A is designed using three-phase synchronous
buck topology. Block diagram of the converter is shown in
Figure 25. The output can be trimmed in the range of 0.9V
to 5.0V by a resistor from trim pin to ground. The remote
sense is able to compensate for a drop from the output of
converter to point of load.
The converter can be turned on/off by remote control.
Positive OUTEN logic implies that the converter DC
output is enabled when this signal is driven high (greater
than 2.4V) or floating and disabled when low (below
0.8V). Negative OUTEN logic is an option.
The converter provides an open collector signal, Power
Good. The power good signal is pulled low when output is
not within ±10% of Vout or when Enable is off.
The converter can protect itself into hiccup mode against
over current and short circuit condition. Also, the
converter will shut down due to over voltage protection is
detected.
The converter has an over temperature protection which
can protect itself by shutting down for an over
temperature event. There is a thermal hysteresis of
typically 25℃
Safety Considerations
It is recommended to add a fuse at input line. As to
current rating of the fuse, it depends on the output voltage
and current setting.
o
TRIM
Vo
GROUND
o
o
o
5V
o
VIN
GROUND
OUTEN
o
TRIM
Vo
GROUND
o
o
o
o
VIN
GROUND
OUTEN
Figure 25: Block Diagram


Similar Part No. - NC12S0A0V60PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0V60PRFA DELTA-NC12S0A0V60PRFA Datasheet
551Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
More results

Similar Description - NC12S0A0V60PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA_08 Datasheet
551Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
686Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0V30PNFA DELTA-NC12S0A0V30PNFA Datasheet
580Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0H30PNFA DELTA-NC12S0A0H30PNFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0H40PNFA DELTA-NC12S0A0H40PNFA Datasheet
864Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0H06PNFA DELTA-NC12S0A0H06PNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0H20PNFA DELTA-NC12S0A0H20PNFA Datasheet
912Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
NC12S0A0H15PNFA DELTA-NC12S0A0H15PNFA Datasheet
880Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA_08 Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V15PNFA DELTA-NC12S0A0V15PNFA Datasheet
781Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com