Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EL07ZCTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EL07ZCTR
Description  2-INPUT XOR/XNOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL07ZCTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EL07ZCTR Datasheet HTML 1Page - Micrel Semiconductor SY100EL07ZCTR Datasheet HTML 2Page - Micrel Semiconductor SY100EL07ZCTR Datasheet HTML 3Page - Micrel Semiconductor SY100EL07ZCTR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SY10EL07
SY100EL07
Micrel, Inc.
M9999-031006
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s 260ps propagation delay
s High bandwidth output transitions
s Internal 75K
input pull-down resistors
s Available in 8-pin SOIC package
The SY10/100EL07 are 2-input XOR/XNOR gates.
These devices are functionally equivalent to the E107
devices, with higher performance capabilities. With
propagation delays and output transition times
significantly faster than the E107, the EL07 is ideally
suited for those applications which require the ultimate
in AC performance.
FEATURES
2-INPUT
XOR/XNOR
Pin
Function
D0, D1
Data Inputs
Q
Data Outputs
SY10EL07
SY100EL07
PIN NAMES
Rev.: G
Amendment: /0
Issue Date:
March 2006


Similar Part No. - SY100EL07ZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL07ZCTR MICREL-SY100EL07ZCTR Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
More results

Similar Description - SY100EL07ZCTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107_06 Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107 Datasheet
70Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com