Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EL01ZGTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EL01ZGTR
Description  4-INPUT OR/NOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL01ZGTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EL01ZGTR Datasheet HTML 1Page - Micrel Semiconductor SY100EL01ZGTR Datasheet HTML 2Page - Micrel Semiconductor SY100EL01ZGTR Datasheet HTML 3Page - Micrel Semiconductor SY100EL01ZGTR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10EL01
SY100EL01
Micrel, Inc.
M9999-031006
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10EL01ZC
Z8-1
Commercial
HEL01
Sn-Pb
SY10EL01ZCTR(2)
Z8-1
Commercial
HEL01
Sn-Pb
SY100EL01ZC
Z8-1
Commercial
XEL01
Sn-Pb
SY100EL01ZCTR(2)
Z8-1
Commercial
XEL01
Sn-Pb
SY10EL01ZI
Z8-1
Industrial
HEL01
Sn-Pb
SY10EL01ZITR(2)
Z8-1
Industrial
HEL01
Sn-Pb
SY100EL01ZI
Z8-1
Industrial
XEL01
Sn-Pb
SY100EL01ZITR(2)
Z8-1
Industrial
XEL01
Sn-Pb
SY10EL01ZG(3)
Z8-1
Industrial
HEL01 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EL01ZGTR(2, 3)
Z8-1
Industrial
HEL01 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EL01ZG(3)
Z8-1
Industrial
XEL01 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EL01ZGTR(2, 3)
Z8-1
Industrial
XEL01 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
8-Pin SOIC (Z8-1)
1
2
3
4
5
6
7
8
D0
D1
D2
D3
VCC
Q
VEE
Q


Similar Part No. - SY100EL01ZGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL01ZC MICREL-SY100EL01ZC Datasheet
47Kb / 4P
   4-INPUT OR/NOR
SY100EL01ZCTR MICREL-SY100EL01ZCTR Datasheet
47Kb / 4P
   4-INPUT OR/NOR
More results

Similar Description - SY100EL01ZGTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL01 ONSEMI-MC10EL01 Datasheet
70Kb / 2P
   4-Input OR/NOR
1996 REV 2
logo
Micrel Semiconductor
SY10EL01 MICREL-SY10EL01 Datasheet
47Kb / 4P
   4-INPUT OR/NOR
logo
Semtech Corporation
SK10EL01WD SEMTECH-SK10EL01WD Datasheet
108Kb / 4P
   4-input OR / NOR
logo
ON Semiconductor
MC100LVEL01 ONSEMI-MC100LVEL01 Datasheet
71Kb / 2P
   4-Input OR/NOR
1996 REV 0
MC10EP101 ONSEMI-MC10EP101 Datasheet
112Kb / 8P
   Quad 4-Input OR/NOR
March, 2000 ??Rev. 1
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V_06 Datasheet
491Kb / 6P
   5V/3.3V 4-INPUT OR/NOR
logo
ON Semiconductor
MC10EL01 ONSEMI-MC10EL01_06 Datasheet
144Kb / 9P
   5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10E101 MICREL-SY10E101_06 Datasheet
64Kb / 4P
   QUAD 4-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01_16 Datasheet
179Kb / 10P
   V ECL 4-Input OR/NOR
August, 2016 ??Rev. 10
logo
Arizona Microtek, Inc
AZ10EL01 AZM-AZ10EL01 Datasheet
73Kb / 6P
   ECL/PECL 4-Input OR/NOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com