Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EL12ZITR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10EL12ZITR
Description  LOW-IMPEDANCE DRIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL12ZITR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10EL12ZITR Datasheet HTML 1Page - Micrel Semiconductor SY10EL12ZITR Datasheet HTML 2Page - Micrel Semiconductor SY10EL12ZITR Datasheet HTML 3Page - Micrel Semiconductor SY10EL12ZITR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10EL12
SY100EL12
Micrel, Inc.
M9999-031006
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay to
120
280
500
170
280
450
180
290
450
210
320
480
ps
tPHL
Output D
tr
Output Rise/Fall Times Q
150
350
550
150
350
550
150
350
550
150
350
550
ps
tf
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = GND
DC ELECTRICAL CHARACTERISTICS
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
mA
10EL
14
17
11
14
17
11
14
17
11
14
17
100EL
14
17
11
14
17
11
14
17
13
16
20
VEE
Power Supply Voltage
V
10EL
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
–4.75
–5.2
–5.5
100EL
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
–4.20
–4.5
–5.5
IIH
Input HIGH Current
150
150
150
150
µA
VEE = VEE (Min.) to VEE (Max.); VCC = GND


Similar Part No. - SY10EL12ZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL12ZC MICREL-SY10EL12ZC Datasheet
47Kb / 4P
   LOW-IMPEDANCE DRIVER
SY10EL12ZCTR MICREL-SY10EL12ZCTR Datasheet
47Kb / 4P
   LOW-IMPEDANCE DRIVER
More results

Similar Description - SY10EL12ZITR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL12 ONSEMI-MC100LVEL12 Datasheet
52Kb / 2P
   Low Impedance Driver
1997 REV 0
logo
Semtech Corporation
SK10EL12WD SEMTECH-SK10EL12WD Datasheet
119Kb / 5P
   Low Impedance Driver
logo
ON Semiconductor
MC10EL12 ONSEMI-MC10EL12 Datasheet
73Kb / 2P
   Low Impedance Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL12 MICREL-SY10EL12 Datasheet
47Kb / 4P
   LOW-IMPEDANCE DRIVER
logo
ON Semiconductor
MC100LVEL12 ONSEMI-MC100LVEL12_06 Datasheet
135Kb / 7P
   3.3V ECL Low Impedance Driver
December, 2006 ??Rev. 3
MC10EL12 ONSEMI-MC10EL12_06 Datasheet
143Kb / 8P
   5.0 V ECL Low Impedance Driver
December, 2006 ??Rev. 6
logo
United Chemi-Con, Inc.
EKZE350ELL221MJC5S CHEMI-CON-EKZE350ELL221MJC5S Datasheet
70Kb / 3P
   Low impedance, 105C
ELXV630E CHEMI-CON-ELXV630E Datasheet
438Kb / 3P
   Low impedance, 105?
EMVY500ADA CHEMI-CON-EMVY500ADA Datasheet
410Kb / 2P
   Low impedance, 105?
EMZA250ADA CHEMI-CON-EMZA250ADA Datasheet
424Kb / 2P
   Low impedance, 105?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com