Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3195LU Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A3195LU
Description  PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3195LU Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A3195LU Datasheet HTML 2Page - Allegro MicroSystems A3195LU Datasheet HTML 3Page - Allegro MicroSystems A3195LU Datasheet HTML 4Page - Allegro MicroSystems A3195LU Datasheet HTML 5Page - Allegro MicroSystems A3195LU Datasheet HTML 6Page - Allegro MicroSystems A3195LU Datasheet HTML 7Page - Allegro MicroSystems A3195LU Datasheet HTML 8Page - Allegro MicroSystems A3195LU Datasheet HTML 9Page - Allegro MicroSystems A3195LU Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
3195
PROTECTED, HIGH-TEMP.,
ACTIVE PULL-DOWN
HALL-EFFECT LATCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
6
INTERNAL PROTECTIVE FEATURES
ISO
Pulse No.
Test
Test Conditions (at TA = +25°C)
1
Inductive Turn Off (Negative)
VS = -100 V, RS = 10 Ω, tr = 1 µs, td = 2 ms
2
Inductive Turn Off (Positive)
VS = 90 V, RS = 10 Ω, tr = 1 µs, td = 50 µs
3a
Capacitive/Inductive Coupling (Neg)
VS = -150 V, RS = 50 Ω, tr = 50 ns, td = 100 ns
3b
Capacitive/Inductive Coupling (Pos)
VS = 100 V, RS = 50 Ω, tr = 50 ns, td = 100 ns
4
Reverse Battery
VS = -14 V, td = 20 s
5
Load Dump (ISO)
VS = 86.5 V, RS = 0.5 Ω, tr = 5 ms, td = 400 ms
(DIN)
VS = 120 V, RS = 0.5 Ω, tr = 100 ns, td = 400 ms
6
Ignition Coil Disconnect
VS = -300 V, RS = 30 Ω, tr = 60 µs, td = 300 µs
EXTERNAL PROTECTION REQ’D
7
Field Decay (Negative)
VS = -80 V, RS = 10 Ω, tr = 5 ms, td = 100 ms
output transistor will be thermally stressed.
Current through the active pull-down is
limited to between 8 mA and 25 mA.
Overvoltage. The device protects itself
against high-voltage transients by shutting
OFF the output source driver and all supply-
referenced active components, reducing the
supply current, and minimizing device
power dissipation. Overvoltage shutdown
can occur anywhere between 28 V and
55 V and device operation above 28 V
cannot be recommended. The device will
continue to operate, with increased power
dissipation, for supply voltages above the
internal clamp voltage but below the over-
voltage shutdown. Under a sustained
overvoltage, the device may be required to
dissipate an increased amount of power
(PD = VCC x ICC) and the device may be
thermally stressed (see above).
Output Voltage. The output is
clamped with an on-chip Zener diode to
prevent supply overvoltage faults from
appearing at the output when the field is
less than BRP.
When any fault condition is removed,
the device returns to normal operating
mode.
0
12 V
V
S
t
r
t
d
0.9 V
0.1 V
S
S
Power supply voltage transients, or device output short circuits, may
be caused by faulty connectors, crimped wiring harnesses, or service
errors. To prevent catastrophic failure, internal protection against
overvoltage, reverse voltage, output overloads have been incorporated
to meet the automotive 12 volt system protection requirements of ISO
DP7637/1 and DIN 40839-1. A series-blocking diode or current-limiting
resistor is required in order to survive pulse number six.
Output Overloads. Current through the output source transistor is
sensed with a low-value on-chip aluminum resistor. The voltage drop
across this resistor is fed back to control the base drive of the output
stage. This feedback prevents the output transistor from exceeding its
maximum current density rating by limiting the output current to between
-26 mA and -70 mA. Under short-circuit conditions, the device will
dissipate an increased amount of power (PD = VOUT x ILIMIT) and the


Similar Part No. - A3195LU

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3195LU ALLEGRO-A3195LU Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
A3195LU ALLEGRO-A3195LU Datasheet
89Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
More results

Similar Description - A3195LU

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3195 ALLEGRO-3195 Datasheet
89Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
3197 ALLEGRO-3197 Datasheet
193Kb / 12P
   PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
logo
Anachip Corp
AH175 ANACHIP-AH175 Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com