Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48DR2R533NRFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # Q48DR2R533NRFA
Description  Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48DR2R533NRFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button Q48DR2R533NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 10Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 11Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 12Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 13Page - Delta Electronics, Inc. Q48DR2R533NRFA Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DS_Q48DR1R533_03152007
12
FEATURES DESCRIPTIONS (CON.)
Figure 25: Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and RTN, the output voltage set point increases (Fig.
25). The external resistor value is from table below.
The output voltage can be increased by the trim pin,
When using trim; the output voltage of the module is
usually increased, which increases the power output of
the module with the same output current. Care should
be taken to ensure that the maximum output power of
the module remains at or below the maximum rated
power.
Trim Resistor
(Vout Increase)
Δ [%]
Rtrim-up [KΩ]
1
57.4
2
25.5
3
14.9
4
9.57
5
6.38
6
4.26
7
2.47
8
1.60
9
709
10
0
Trim Resistor
(Vout Decrease)
Δ [%] Rtrim-down [KΩ]
1
70.2
2
31.2
3
18.2
4
11.7
5
7.80
6
5.20
7
3.34
8
1.95
9
867
10
0


Similar Part No. - Q48DR2R533NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DQ3R310NKFA DELTA-Q48DQ3R310NKFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310NNFA DELTA-Q48DQ3R310NNFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310NRFA DELTA-Q48DQ3R310NRFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310PKFA DELTA-Q48DQ3R310PKFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
More results

Similar Description - Q48DR2R533NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SL1R535NRFA DELTA-Q48SL1R535NRFA Datasheet
664Kb / 13P
   Delphi Series Q48SL, 100W Quarter Brick Family DC/DC Power Modules: 48V in, 1.5V/35A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
775Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SH1R540 DELTA-E48SH1R540 Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
H48SL1R560 DELTA-H48SL1R560 Datasheet
632Kb / 14P
   Delphi Series H48SL, 200W Half Brick Family DC/DC Power Modules: 48V in, 1.5V/60A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com