Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48DR3R350NRFA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # Q48DR3R350NRFA
Description  Delphi Series Q48DR, 87W-100W, Quarter Brick Dual Output, DC/DC Power Modules: 48V in, 1.5V and 3.3V, 15A out each channel
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48DR3R350NRFA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button Q48DR3R350NRFA Datasheet HTML 2Page - Delta Electronics, Inc. Q48DR3R350NRFA Datasheet HTML 3Page - Delta Electronics, Inc. Q48DR3R350NRFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48DR3R350NRFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48DR3R350NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48DR3R350NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48DR3R350NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48DR3R350NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Q48DR3R350NRFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DS_Q48DR1R533_03152007
7
ELECTRICAL CHARACTERISTICS CURVES
Figure 13: Output voltage response to step-change in load
current Iout2 (75%-50%-75% of Io, max; di/dt = 2.5A/µs) at
Iout1=7.5A. Load cap: 470µF, 35m
ESR solid electrolytic
capacitor
and
1µF
ceramic
capacitor.
Ch1=Vout2
(200mV/div), Ch2=Iout2 (7.5A/div), Ch3=Vout1 (200mV/div),
Ch4=Iout1 (7.5A/div) Scope measurement should be made
using a BNC cable (length shorter than 20 inches). Position
the load between 51 mm to 76 mm (2 inches to 3 inches)
from the module.
Figure 14: Output voltage response to step-change in load
current Iout1 (75%-50%-75% of Io, max; di/dt = 2.5A/µs) at
Iout2=7.5A. Load cap: 470µF, 35m
ESR solid electrolytic
capacitor and 1µF ceramic capacitor. Ch1=Vout2 (200mV/div),
Ch2=Iout2
(7.5A/div),
Ch3=Vout1
(200mV/div),
Ch4=Iout1
(7.5A/div) Scope measurement should be made using a BNC
cable (length shorter than 20 inches). Position the load between
51 mm to 76 mm (2 inches to 3 inches) from the module.
Figure 15: Output voltage response to step-change in load
current Iout2 and Iout1 (75%-50%-75% of Io, max; di/dt =
2.5A/µs). Load cap: 470µF, 35m
ESR solid electrolytic
capacitor
and
1µF
ceramic
capacitor.
Ch1=Vout2
(200mV/div), Ch2=Iout2 (7.5A/div), Ch3=Vout1 (200mV/div),
Ch4=Iout1 (7.5A/div) Scope measurement should be made
using a BNC cable (length shorter than 20 inches). Position
the load between 51 mm to 76 mm (2 inches to 3 inches)
from the module.
Figure 16: Test set-up diagram showing measurement points for
Input Terminal Ripple Current and Input Reflected Ripple
Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 µH. Capacitor Cs offset possible
battery impedance. Measure current as shown above
Ch4
Ch3
Ch2
Ch1
Ch4
Ch3
Ch2
Ch1
Ch4
Ch3
Ch2
Ch1


Similar Part No. - Q48DR3R350NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
Q48DQ3R310NKFA DELTA-Q48DQ3R310NKFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310NNFA DELTA-Q48DQ3R310NNFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310NRFA DELTA-Q48DQ3R310NRFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
Q48DQ3R310PKFA DELTA-Q48DQ3R310PKFA Datasheet
703Kb / 14P
   Delphi Series Q48DW, 45W Quarter Brick, Dual Output DC/DC Power Modules: 1.2V/13A and 3.3V/8A
More results

Similar Description - Q48DR3R350NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SL1R535NRFA DELTA-Q48SL1R535NRFA Datasheet
664Kb / 13P
   Delphi Series Q48SL, 100W Quarter Brick Family DC/DC Power Modules: 48V in, 1.5V/35A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
775Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SH1R540 DELTA-E48SH1R540 Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
H48SL1R560 DELTA-H48SL1R560 Datasheet
632Kb / 14P
   Delphi Series H48SL, 200W Half Brick Family DC/DC Power Modules: 48V in, 1.5V/60A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
Q48DB12003NRFA DELTA-Q48DB12003NRFA Datasheet
623Kb / 13P
   Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 짹12V, 2.7A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com