Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3250 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A3250
Description  Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3250 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A3250_06 Datasheet HTML 7Page - Allegro MicroSystems A3250_06 Datasheet HTML 8Page - Allegro MicroSystems A3250_06 Datasheet HTML 9Page - Allegro MicroSystems A3250_06 Datasheet HTML 10Page - Allegro MicroSystems A3250_06 Datasheet HTML 11Page - Allegro MicroSystems A3250_06 Datasheet HTML 12Page - Allegro MicroSystems A3250_06 Datasheet HTML 13Page - Allegro MicroSystems A3250_06 Datasheet HTML 14Page - Allegro MicroSystems A3250_06 Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Field-Programmable, Chopper-Stabilized,
Unipolar Hall-Effect Switches
A3250 and
A3251
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
VPH
V+
t
VPM
VPL
0
Address 1
Address 2
Address n (
≤ 63)
Figure 5. Pulse sequence to select addresses
Falling edge of final BOP address digit
VPH
V+
t
VPM
VPL
0
Encode Lock Bit
Enable
Address
Blow
7 pulses
65 pulses
Figure 6. Pulse sequence to encode lock bit
Lock Bit Programming.
After the desired BOP calibration value
is programmed, and all of the corresponding bitfield-level fuses
are blown, the device-level fuse should be blown. To do so, the
lock bit (bitfield address 65) should be encoded as 1 and have
its fuse blown. This is done in the same manner as permanently
setting the other bitfields, as shown in figure 6.
Address Selection
.
After addressing mode is enabled, the
target bitfield address, is indicated by a series of VPM pulses,
as shown in figure 3. When provisionally trying a value, this
sequence is followed by a short VPH pulse, which serves to
delimit the address and set the corresponding bitfield. When
permanently setting a bitfield, the VPH pulse is continued for a
longer period of time, suffienct to not only set the bitfield to 1,
but also to blow the bitfield fuse.
Enabling Addressing Mode
.
The first segment of code is a
keying sequence used to enable the bitfield addressing mode. As
shown in figure 4, this segment consists of one short VPH pulse,
seven or more VPM pulses, and one short VPH pulse, with no
supply interruptions. This sequence is designed to prevent the
device from being programmed accidentally, such as by noise on
the supply line.
VPH
V+
t
VPM
VPL
0
Minimum 7 pulses
Figure 4. Addressing mode enable pulse sequence


Similar Part No. - A3250_06

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3250JUA ALLEGRO-A3250JUA Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250JUATL ALLEGRO-A3250JUATL Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLT ALLEGRO-A3250LLT Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLTTR ALLEGRO-A3250LLTTR Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LUA ALLEGRO-A3250LUA Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
More results

Similar Description - A3250_06

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3250 ALLEGRO-A3250 Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLT ALLEGRO-A3250LLT Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLTTR ALLEGRO-A3250LLTTR Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184 ALLEGRO-A1184_06 Datasheet
377Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1180 ALLEGRO-A1180_06 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1183LUA-T ALLEGRO-A1183LUA-T Datasheet
356Kb / 16P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184LLHLT-T ALLEGRO-A1184LLHLT-T Datasheet
317Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com