Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3230 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3230
Description  Chopper-Stabilized Hall-Effect Bipolar Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3230 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3230 Datasheet HTML 3Page - Allegro MicroSystems A3230 Datasheet HTML 4Page - Allegro MicroSystems A3230 Datasheet HTML 5Page - Allegro MicroSystems A3230 Datasheet HTML 6Page - Allegro MicroSystems A3230 Datasheet HTML 7Page - Allegro MicroSystems A3230 Datasheet HTML 8Page - Allegro MicroSystems A3230 Datasheet HTML 9Page - Allegro MicroSystems A3230 Datasheet HTML 10Page - Allegro MicroSystems A3230 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Chopper-Stabilized Hall Effect Bipolar Switch
A3230
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Functional Description
BHYS
VOUT(SAT)
V+
0
BHYS
VOUT(SAT)
V+
0
BHYS
VOUT(SAT)
V+
0
VCC
VCC
VCC
B+
B–
B+
B– 0
0
B+
B–
0
VCC
VS
Sensor Output
GND
VOUT
RLOAD
A3230
0.1 µF
CBYP
Operation
The output of these devices switches low (turns on) when a
magnetic field perpendicular to the Hall sensor exceeds the
operate point threshold, BOP. After turn-on, the output voltage
is VOUT(SAT). The output transistor is capable of sinking current
up to the short circuit current limit, IOM, which is a minimum of
30 mA. When the magnetic field is reduced below the release
point, BRP, the device output goes high (turns off). The differ-
ence in the magnetic operate and release points is the hysteresis,
BHYS, of the device. This built-in hysteresis allows clean switch-
ing of the output even in the presence of external mechanical
vibration and electrical noise.
There are three switching modes for bipolar devices, referred to
as latch, unipolar switch, and negative switch. Mode is deter-
mined by the switchpoint characteristics of the individual device.
Note that, as shown in figure 1, these switchpoints can lie in
either north or south polarity ranges. The values of the magnetic
parameters for the A3230 are specified in the Magnetic Charac-
teristics table, on page 3.
Bipolar devices typically behave as latches (although these
devices are not guaranteed to do so). In this mode, magnetic
fields of opposite polarity and equivalent strengths are needed
to switch the output. When the magnetic fields are removed
(B
→ 0) the device remains in the same state until a magnetic
Figure 1. Bipolar Device Output Switching Modes. These behaviors can be exhibited when using a circuit such as that shown in panel D. Panel A
displays the hysteresis when a device exhibits latch mode (note that the BHYS band incorporates B= 0), panel B shows unipolar switch behavior (the
BHYS band is more positive than B = 0), and panel C shows negative switch behavior (the BHYS band is more negative than B = 0). Bipolar devices,
such as the A3230, can operate in any of the three modes.
(A)
(B)
(C)
(D)
field of the opposite polarity and of sufficient strength causes
it to switch. The hysteresis of latch mode behavior is shown in
panel A of figure 1.
In contrast to latching, when a device exhibits unipolar switch-
ing, it only responds to a south magnetic field. The field must
be of sufficient strength, > BOP, for the device to operate. When
the field is reduced beyond the BRP level, the device switches
back to the high state, as shown in panel B of figure 1. Devices


Similar Part No. - A3230

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3230 ALLEGRO-A3230 Datasheet
478Kb / 12P
   Chopper-Stabilized Hall-Effect Bipolar Switch
logo
Actel Corporation
A32300DX-1CQB ACTEL-A32300DX-1CQB Datasheet
3Mb / 84P
   Integrator Series FPGAs: 1200XL and 3200DX Families
A32300DX-1CQC ACTEL-A32300DX-1CQC Datasheet
3Mb / 84P
   Integrator Series FPGAs: 1200XL and 3200DX Families
A32300DX-1PGB ACTEL-A32300DX-1PGB Datasheet
3Mb / 84P
   Integrator Series FPGAs: 1200XL and 3200DX Families
A32300DX-1PGC ACTEL-A32300DX-1PGC Datasheet
3Mb / 84P
   Integrator Series FPGAs: 1200XL and 3200DX Families
More results

Similar Description - A3230

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3230 ALLEGRO-A3230 Datasheet
478Kb / 12P
   Chopper-Stabilized Hall-Effect Bipolar Switch
A3260 ALLEGRO-A3260_06 Datasheet
228Kb / 10P
   2-Wire Chopper Stabilized Precision Hall Effect Bipolar Switch
April 27, 2007
3425 ALLEGRO-3425 Datasheet
207Kb / 12P
   DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
August 21, 2000
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
3260 ALLEGRO-3260 Datasheet
187Kb / 12P
   2-WIRE, CHOPPER-STABILIZED, PRECISION HALL-EFFECT BIPOLAR SWITCH
June 30, 2000
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
3240 ALLEGRO-3240 Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A3340 ALLEGRO-A3340 Datasheet
262Kb / 9P
   Chopper-Stabilized, Precision Hall-Effect Switch
logo
First Components Intern...
FUS5881 FCI-FUS5881 Datasheet
68Kb / 1P
   Chopper Stabilized, Hall-Effect Sensor(Switch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com