Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3230 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A3230
Description  Chopper-Stabilized Hall-Effect Bipolar Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3230 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A3230 Datasheet HTML 1Page - Allegro MicroSystems A3230 Datasheet HTML 2Page - Allegro MicroSystems A3230 Datasheet HTML 3Page - Allegro MicroSystems A3230 Datasheet HTML 4Page - Allegro MicroSystems A3230 Datasheet HTML 5Page - Allegro MicroSystems A3230 Datasheet HTML 6Page - Allegro MicroSystems A3230 Datasheet HTML 7Page - Allegro MicroSystems A3230 Datasheet HTML 8Page - Allegro MicroSystems A3230 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Chopper-Stabilized Hall Effect Bipolar Switch
A3230
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
OPERATING CHARACTERISTICS
valid over full operating voltage and ambient temperature ranges, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Electrical Characteristics
Supply Voltage1
VCC
Operating, TJ < 165°C
3.6
24
V
Output Leakage Current
IOUTOFF
VOUT = 24 V, B < BRP
––
10
μA
Output On Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
250
500
mV
Output Current Limit
IOM
B > BOP
30
60
mA
Power-On Time
tPO
VCC > 3.6 V
8
50
μs
Chopping Frequency
fc
200
kHz
Output Rise Time2
tr
RLOAD = 820 Ω, CS = 20 pF
0.2
1
μs
Output Fall Time2
tf
RLOAD = 820 Ω, CS = 20 pF
0.2
1
μs
Supply Current
ICCON
B > BOP
1.6
3.5
mA
ICCOFF
B < BRP
1.6
3.5
mA
Reverse Battery Current
IRCC
VRCC = –18 V
–2
mA
Supply Zener Clamp Voltage
VZ
ICC = 6.5 mA; TA = 25°C
28
V
Supply Zener Current3
IZ
VS = 28 V
6.5
mA
Magnetic Characteristics4
Operate Point
BOP
South pole adjacent to branded face of device
–10
7.5
25
G
Release Point
BRP
North pole adjacent to branded face of device
–25
–7.5
10
G
Hysteresis
BHYS
BOP – BRP
515
25
G
1 Maximum voltage must be adjusted for power dissipation and junction temperature, see Power Derating section.
2 CS = oscilloscope probe capacitance.
3 Maximum current limit is equal to the maximum ICC(MAX) + 3 mA.
4 Magnetic flux density, B, is indicated as a negative value for north-polarity magnetic fields, and as a positive value for south-polarity magnetic fields.
This so-called algebraic convention supports arithmetic comparison of north and south polarity values, where the relative strength of the field is indicated
by the absolute value of B, and the sign indicates the polarity of the field (for example, a –100 G field and a 100 G field have equivalent strength, but
opposite polarity).
DEVICE QUALIFICATION PROGRAM
Contact Allegro for information.
EMC (Electromagnetic Compatibility) REQUIREMENTS
Contact Allegro for information.


Similar Part No. - A3230

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3230 ALLEGRO-A3230 Datasheet
478Kb / 12P
   Chopper-Stabilized Hall-Effect Bipolar Switch
logo
Actel Corporation
A32300DX-1CQB ACTEL-A32300DX-1CQB Datasheet
3Mb / 84P
   Integrator Series FPGAs: 1200XL and 3200DX Families
A32300DX-1CQC ACTEL-A32300DX-1CQC Datasheet
3Mb / 84P
   Integrator Series FPGAs: 1200XL and 3200DX Families
A32300DX-1PGB ACTEL-A32300DX-1PGB Datasheet
3Mb / 84P
   Integrator Series FPGAs: 1200XL and 3200DX Families
A32300DX-1PGC ACTEL-A32300DX-1PGC Datasheet
3Mb / 84P
   Integrator Series FPGAs: 1200XL and 3200DX Families
More results

Similar Description - A3230

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3230 ALLEGRO-A3230 Datasheet
478Kb / 12P
   Chopper-Stabilized Hall-Effect Bipolar Switch
A3260 ALLEGRO-A3260_06 Datasheet
228Kb / 10P
   2-Wire Chopper Stabilized Precision Hall Effect Bipolar Switch
April 27, 2007
3425 ALLEGRO-3425 Datasheet
207Kb / 12P
   DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
August 21, 2000
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
3260 ALLEGRO-3260 Datasheet
187Kb / 12P
   2-WIRE, CHOPPER-STABILIZED, PRECISION HALL-EFFECT BIPOLAR SWITCH
June 30, 2000
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
3240 ALLEGRO-3240 Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A3340 ALLEGRO-A3340 Datasheet
262Kb / 9P
   Chopper-Stabilized, Precision Hall-Effect Switch
logo
First Components Intern...
FUS5881 FCI-FUS5881 Datasheet
68Kb / 1P
   Chopper Stabilized, Hall-Effect Sensor(Switch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com