Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3251 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A3251
Description  Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3251 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A3251 Datasheet HTML 5Page - Allegro MicroSystems A3251 Datasheet HTML 6Page - Allegro MicroSystems A3251 Datasheet HTML 7Page - Allegro MicroSystems A3251 Datasheet HTML 8Page - Allegro MicroSystems A3251 Datasheet HTML 9Page - Allegro MicroSystems A3251 Datasheet HTML 10Page - Allegro MicroSystems A3251 Datasheet HTML 11Page - Allegro MicroSystems A3251 Datasheet HTML 12Page - Allegro MicroSystems A3251 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Field-Programmable, Chopper-Stabilized,
Unipolar Hall-Effect Switches
A3250 and
A3251
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
VPH
V+
t
VPM
VPL
0
Td(1)
Td(0)
Td(P)
Figure 1. Pulse amplitudes and durations
PROGRAMMING PROTOCOL CHARACTERISTICS
, TA = 25ºC, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Programming Voltage1
VPL
Minimum voltage range during programming
4.5
5.0
5.5
V
VPM
10
11
12
V
VPH
23
25
26
V
Programming Current2
IPP
Maximum supply current during programming
500
mA
Pulse Width
td(0)
OFF time between programming bits
20
μs
td(1)
Pulse duration (ON time) for enable, address, fuse
blowing or lock bits
20
μs
td(P)
Pulse duration (ON time) for fuse blowing
100
300
μs
Pulse Rise Time
tr
VPL to VPM; VPL to VPH
11
μs
Pulse Fall Time
tf
VPM to VPL; VPH to VPL
5––
μs
1
Programming voltages are measured at the VCC pin.
2
A bypass capacitor with a minimum capacitance of 0.1 μF must be connected from VCC to the GND pin of the device in order to provide
the current necessary to blow the fuse.
Additional information on device programming and program-
ming products is available on www. allegromicro.com. Program-
ming hardware is available for purchase, and programming
software is available free of charge.
Programming Protocol
The operate switchpoint, BOP, can be field-programmed. To do
so, a coded series of voltage pulses through the VCC pin is used
to set bitfields in onboard registers. The effect on the device
output can be monitored, and the registers can be cleared and
set repeatedly until the required BOP is achieved. To make the
setting permanent, bitfield-level solid state fuses are blown, and
finally, a device-level fuse is blown, blocking any further cod-
ing. It is not necessary to program the release switchpoint, BRP,
because the difference between BOP and BRP, referred to as the
hysteresis, BHYS, is fixed.
The range of values between BOP(min) and BOP(max) is scaled to
64 increments. The actual change in magnetic flux (G) repre-
sented by each increment is indicated by BRES (see the Operating
Characteristics table; however, testing is the only method for
verifying the resulting BOP). For programming, the 64 incre-
ments are individually identified using 6 data bits, which are
physically represented by 6 bitfields in the onboard registers.
By setting these bitfields, the corresponding calibration value is
programmed into the device.
Three voltage levels are used in programming the device: a low
voltage, VPL , a minimum required to sustain register settings; a
mid-level voltage, VPM , used to increment the address counter
in the device; and a high voltage, VPH , used to separate sets of
VPM pulses (when short in duration) and to blow fuses (when
long in duration). A fourth voltage level, essentially 0 V, is used
to clear the registers between pulse sequences. The pulse values
are shown in the Programming Protocol Characteristics table and
in figure 1.
Code Programming.
Each bitfield must be individually set. To
do so, a pulse sequence must be transmitted for each bitfield that
is being set to 1. If more than one bitfield is being set to 1, all
pulse sequences must be sent, one after the other, without allow-
ing VCC to fall to zero (which clears the registers).
The same pulse sequence is used to provisionally set bitfields as
is used to permanently set bitfield-level fuses. The only differ-
ence is that when provisionally setting bitfields, no fuse-blowing
pulse is sent at the end of the pulse sequence.


Similar Part No. - A3251

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3251 ALLEGRO-A3251 Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3251 ALLEGRO-A3251 Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3251JUA ALLEGRO-A3251JUA Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3251JUATL ALLEGRO-A3251JUATL Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3251LUA ALLEGRO-A3251LUA Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
More results

Similar Description - A3251

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3250 ALLEGRO-A3250 Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLT ALLEGRO-A3250LLT Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLTTR ALLEGRO-A3250LLTTR Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184 ALLEGRO-A1184_06 Datasheet
377Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1180 ALLEGRO-A1180_06 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1183LUA-T ALLEGRO-A1183LUA-T Datasheet
356Kb / 16P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184LLHLT-T ALLEGRO-A1184LLHLT-T Datasheet
317Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com