Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3245EUA-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A3245EUA-T
Description  Chopper-Stabilized Omnipolar Hall-Effect Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3245EUA-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A3245EUA-T Datasheet HTML 1Page - Allegro MicroSystems A3245EUA-T Datasheet HTML 2Page - Allegro MicroSystems A3245EUA-T Datasheet HTML 3Page - Allegro MicroSystems A3245EUA-T Datasheet HTML 4Page - Allegro MicroSystems A3245EUA-T Datasheet HTML 5Page - Allegro MicroSystems A3245EUA-T Datasheet HTML 6Page - Allegro MicroSystems A3245EUA-T Datasheet HTML 7Page - Allegro MicroSystems A3245EUA-T Datasheet HTML 8Page - Allegro MicroSystems A3245EUA-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Chopper-Stabilized Omnipolar Hall Effect Switches
A3245
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
OPERATING CHARACTERISTICS
valid over full operating voltage and ambient temperature ranges, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Electrical Characteristics
Supply Voltage1
VCC
Operating, TJ < 165°C
3.6
24
V
Output Leakage Current
IOUTOFF
VOUT = 24 V, B < BRP
––
10
μA
Output On Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
500
mV
Output Current Limit
IOM
B > BOP
30
60
mA
Power-On Time
tPO
VCC > VCC(MIN)
––
50
μs
Chopping Frequency
fc
200
kHz
Output Rise Time2
tr
RLOAD = 820 Ω, CS = 20 pF
1
μs
Output Fall Time2
tf
RLOAD = 820 Ω, CS = 20 pF
1
μs
Supply Current
ICCON
B > BOP
1.5
3.5
mA
ICCOFF
B < BRP
1.5
3.5
mA
Reverse Battery Current
IRCC
VRCC = –18 V
–2
mA
Supply Zener Clamp Voltage
VZSupply
ICC = 6.5 mA; TA = 25°C
28
V
Supply Zener Current3
IZSupply
VS = 28 V
6.5
mA
Magnetic Characteristics4
Operate Point
BOPS
South pole adjacent to branded face of device
15
38
55
G
BOPN
North pole adjacent to branded face of device
–55
–38
–15
G
Release Point
BRPS
South pole adjacent to branded face of device
5
20
50
G
BRPN
North pole adjacent to branded face of device
–50
–20
–5
G
Hysteresis
BHYS
|BOPX – BRPX|
518
30
G
1 Maximum voltage must be adjusted for power dissipation and junction temperature, see Power Derating section.
2 CS = oscilloscope probe capacitance.
3 Maximum current limit is equal to the maximum ICC(MAX) + 3 mA.
4 Magnetic flux density, B, is indicated as a negative value for north-polarity magnetic fields, and as a positive value for south-polarity magnetic fields.
This so-called algebraic convention supports arithmetic comparison of north and south polarity values, where the relative strength of the field is indicated
by the absolute value of B, and the sign indicates the polarity of the field (for example, a –100 G field and a 100 G field have equivalent strength, but
opposite polarity).
DEVICE QUALIFICATION PROGRAM
Contact Allegro for information.
EMC (Electromagnetic Compatibility) REQUIREMENTS
Contact Allegro for information.


Similar Part No. - A3245EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3245EUA-T ALLEGRO-A3245EUA-T Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
More results

Similar Description - A3245EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A1126 ALLEGRO-A1126_16 Datasheet
775Kb / 14P
   Chopper-Stabilized Omnipolar Hall-Effect Switch
A1126LLHLT-T ALLEGRO-A1126LLHLT-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A1126LUA-T ALLEGRO-A1126LUA-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_12 Datasheet
331Kb / 15P
   Chopper Stabilized Precision Hall Effect Switches
A1121 ALLEGRO-A1121 Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_16 Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
1120 ALLEGRO-1120_V12 Datasheet
345Kb / 14P
   Chopper Stabilized Precision Hall Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com